データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5CSS2

  • AI
    The **5CSS2** is a specific part number typically associated with **N-Channel Enhancement Mode MOSFETs**, often found in small-signal applications or power management circuits within compact electronic devices. --- ### 1. Key Technical Specifications The 5CSS2 belongs to the SOT-23 package family (Small Outline Transistor), which is standard for surface-mount technology (SMT). | Feature | Description | | :--- | :--- | | **Component Type** | N-Channel MOSFET | | **Package Type** | SOT-23 | | **Drain-Source Voltage ($V_{DSS}$)** | Typically 20V - 30V | | **Continuous Drain Current ($I_D$)** | Approx. 2.0A to 3.5A (varies by manufacturer) | | **Gate Threshold Voltage ($V_{GS(th)}$)** | 0.5V to 1.5V (Logic Level compatible) | | **On-Resistance ($R_{DS(on)}$)** | Low resistance (typically < 60mΩ) | --- ### 2. Pinout Configuration The SOT-23 package has three pins. For an N-Channel MOSFET like the 5CSS2, the standard configuration is: 1. **Pin 1 (Gate):** Controls the "on/off" state of the MOSFET. 2. **Pin 2 (Source):** Connected to the lower potential (usually Ground). 3. **Pin 3 (Drain):** Connected to the load being switched. --- ### 3. Core Applications Because of its small size and low gate threshold voltage, the 5CSS2 is primarily used for: * **Load Switching:** Turning peripheral power rails on or off in portable electronics (laptops, smartphones). * **DC-DC Converters:** Acting as a switching element in buck or boost converters. * **Battery Protection:** Managing charging and discharging paths in Li-ion battery circuits. * **Signal Level Shifting:** Translating logic levels between different voltage domains (e.g., 1.8V to 3.3V). --- ### 4. Characteristics & Advantages * **Logic Level Drive:** It can be fully "turned on" by low-voltage microcontrollers (like Arduino, ESP32, or ARM cores) without needing a dedicated gate driver. * **High Efficiency:** The low $R_{DS(on)}$ ensures that very little energy is wasted as heat during operation. * **Space Saving:** The SOT-23 footprint is ideal for high-density Printed Circuit Boards (PCBs). ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for a 5CSS2 MOSFET?
    • ⤷ How do I calculate the heat dissipation for a 5CSS2 in a high-speed switching circuit?
    • ⤷ Can the 5CSS2 be used for PWM motor control?