データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5CT-16-R

  • AI
    The **5CT-16-R** is a specific electronic component typically identified as a **Common Mode Choke** (specifically a surface-mount inductor) manufactured by companies like **Coiltronics** (now part of Eaton). Below is a detailed breakdown of its specifications, construction, and applications. --- ### 1. General Specifications The 5CT-16-R belongs to a series designed for EMI (Electromagnetic Interference) filtering. The "R" suffix usually denotes RoHS compliance. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Common Mode Choke | | **Inductance** | Varies by configuration (often in mH or µH range) | | **Current Rating** | High current capability (up to several Amperes) | | **Mounting Type** | Surface Mount Device (SMD) | | **Core Material** | Ferrite | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Construction The part is engineered for durability and efficiency in power conversion circuits. * **Toroidal Core:** Uses a ring-shaped ferrite core to provide high efficiency and low electromagnetic radiation. * **Winding:** Features two windings (bifilar or sector wound) on a single core. This allows common-mode signals to be suppressed while allowing differential-mode signals (the desired current) to pass. * **Header/Base:** Often mounted on a plastic header with rugged terminals to ensure stability during the SMT (Surface Mount Technology) soldering process. --- ### 3. Functional Purpose The primary role of the 5CT-16-R is **Noise Suppression**. 1. **Common Mode Filtering:** It blocks high-frequency noise that is common to both power lines (noise going in the same direction). 2. **Signal Integrity:** It prevents electrical noise generated by a power supply from leaking back into the main power grid or affecting other sensitive components on the PCB. --- ### 4. Key Applications You will commonly find this part in the following environments: * **AC-DC Power Supplies:** Used in the input filter stage to meet EMC (Electromagnetic Compatibility) standards. * **DC-DC Converters:** To reduce ripple and switching noise. * **Industrial Electronics:** Protecting control circuits from line noise. * **Telecommunications:** Ensuring clean power delivery for data transmission equipment. --- ### 5. Identification Nomenclature * **5CT:** Series designation (Common Mode Toroid). * **16:** Size or Inductance code (Check the specific datasheet for the exact microhenry value). * **R:** RoHS Compliant (Lead-free).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 5CT-16-R?
    • ⤷ How do common mode chokes differ from standard inductors?
    • ⤷ Can this part be used for both AC and DC filtering?