データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5HF8-R

  • AI
    The **5HF8-R** is a specific type of electronic component, primarily known as a **miniature ceramic tube fuse**. These fuses are designed to protect electronic circuits from overcurrent conditions by breaking the circuit when the current exceeds a specified limit. ### 1. Key Technical Specifications The "5HF" series follows specific industry standards (IEC 60127-2). Below are the typical specifications for the 5HF8-R model: | Characteristic | Specification | | :--- | :--- | | **Current Rating** | 8 Amperes (8A) | | **Voltage Rating** | 250V AC | | **Fuse Type** | Fast-Acting / Quick Acting (F) | | **Body Material** | Ceramic | | **Dimensions** | 5mm x 20mm | | **Termination Style** | Cartridge (Ferrule) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Physical Construction The "5HF" designation indicates a specific physical and performance profile: * **Ceramic Body:** Unlike glass fuses, ceramic fuses have a higher breaking capacity. They are filled with sand or a similar material to quench the arc produced when the fuse blows, preventing the body from shattering under high-fault currents. * **Silver-Plated Caps:** The end caps are typically made of brass with silver or nickel plating to ensure high conductivity and corrosion resistance. --- ### 3. Functional Characteristics #### Fast-Acting (Quick-Blow) The "F" characteristic means this fuse is designed to blow almost instantly when an overload occurs. It does not tolerate temporary surges (like motor startups), making it ideal for sensitive resistive loads or IC-based circuits. #### High Breaking Capacity Because it is a ceramic fuse, it can safely interrupt much higher currents (often up to 1500A at 250V) compared to standard glass fuses, which might explode under the same short-circuit conditions. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts: | Segment | Meaning | | :--- | :--- | | **5HF** | Series name (Ceramic, 5x20mm, Fast-acting) | | **8** | Current rating (8 Amps) | | **-R** | Lead-free / RoHS compliant | --- ### 5. Common Applications * **Power Supplies:** Protecting the input stage of AC/DC converters. * **Industrial Equipment:** Used in control panels where high fault current protection is required. * **Consumer Electronics:** High-end audio equipment or appliances where safety and precision are critical.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 5HF ceramic fuse and a 5SF glass fuse?
    • ⤷ Can I replace a slow-blow fuse with the 5HF8-R in a power supply?
    • ⤷ How do I test if a 5HF8-R fuse is blown using a multimeter?