データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5HT500-R

  • AI
    The **5HT500-R** is a specific model of an **Incremental Rotary Encoder**, typically utilized in industrial automation for measuring rotational speed, position, and angle. Below is a breakdown of its electronic components and technical specifications. --- ## 1. Core Electronic Components An incremental encoder like the 5HT500-R consists of several critical electronic stages: | Component | Function | | :--- | :--- | | **LED Emitter** | A light source (usually infrared) that shines through the coded disk. | | **Optical Disk** | A glass or plastic disk with transparent and opaque lines that "chops" the light. | | **Photo-detector** | Converts the light pulses into low-level electrical signals. | | **Signal Processing IC** | Amplifies the signal and converts it into a clean square wave (TTL or HTL). | | **Output Driver** | The final stage (Push-Pull or Line Driver) that sends the signal to the PLC or Controller. | --- ## 2. Technical Specifications (Electronic) The "5HT" series usually indicates high-temperature resistance or specific electrical characteristics. Here are the typical electronic parameters: ### Electrical Signal Details * **Supply Voltage:** Usually ranges from **DC 5V to 24V** (or 8-30V depending on the specific driver). * **Pulse per Revolution (PPR):** The "500" in the model name typically indicates **500 pulses per revolution**. * **Output Phase:** Usually provides A, B, and Z phases. * **A and B:** Offset by 90° to determine direction. * **Z (Index):** One pulse per revolution for zero-point calibration. * **Output Type:** Generally **Push-Pull** (HTL) or **Line Driver** (RS422/TTL). --- ## 3. Wiring and Interface The electronic interface is usually handled via a shielded cable or a military-style connector. | Wire Color (Typical) | Signal | Description | | :--- | :--- | :--- | | **Red / Brown** | Vcc | Positive Power Supply | | **Black / Blue** | GND | 0V Ground | | **White** | Phase A | Main Pulse | | **Green** | Phase B | Directional Pulse | | **Yellow** | Phase Z | Index Pulse | | **Shield** | PE | Earth / Electromagnetic Protection | --- ## 4. Key Electronic Features * **Noise Immunity:** Often includes internal capacitors and differential signaling to prevent interference from motors. * **Protection Circuits:** Most 5HT models include **Reverse Polarity Protection** and **Short-Circuit Protection** on the output stages. * **Frequency Response:** Capable of handling signal frequencies up to 100kHz - 300kHz.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Push-Pull and Line Driver output for this encoder?
    • ⤷ How do I troubleshoot a 5HT500-R if the PLC isn't receiving pulses?
    • ⤷ Can this encoder be used in high-temperature environments?