データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5HTP10-R

  • AI
    The **5HTP10-R** is a specific electronic component belonging to the family of high-voltage, high-reliability ceramic capacitors, typically manufactured by companies like **Vishay** or **AVX (Kyocera)**. It is frequently used in demanding industrial and power supply applications. --- ### ## Technical Specifications The part number follows a standardized coding system. Here is a breakdown of the typical specifications for the 5HTP series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | High Voltage Ceramic Disc Capacitor | | **Capacitance Value** | 10 pF (indicated by the '10') | | **Voltage Rating** | 500V to 1000V DC (Series dependent) | | **Tolerance** | ±5% or ±10% (J or K grade) | | **Temperature Coefficient** | NPO / C0G (High stability) | | **Mounting Type** | Through-hole (Radial Leads) | | **RoHS Status** | Compliant (indicated by the '-R' suffix) | --- ### ### Key Features 1. **Low Loss:** The dielectric material (often C0G/NPO) ensures extremely low dissipation factors, making it efficient for high-frequency circuits. 2. **Temperature Stability:** The capacitance remains stable regardless of temperature fluctuations. 3. **High Insulation Resistance:** Designed to prevent leakage even at high operating voltages. 4. **RoHS Compliant:** The "-R" suffix denotes that the part meets modern environmental standards regarding lead-free construction. --- ### ### Common Applications Because of its high voltage rating and stability, the 5HTP10-R is used in the following scenarios: * **Snubber Circuits:** Used to suppress voltage spikes in switching power supplies. * **RF Coupling:** Filtering and coupling in radio frequency circuits where low loss is critical. * **High Voltage Power Supplies:** Smoothing and decoupling in CRT monitors, lasers, or X-ray equipment. * **Lighting Ballasts:** Used in the starting and regulating circuits of high-intensity discharge lamps. --- ### ### Pinout and Physical Form The component is typically a "Radial" disc capacitor. It features: * **Body:** A ceramic disc coated in flame-retardant epoxy. * **Leads:** Two tinned copper wires protruding from the bottom. * **Markings:** The top usually shows the capacitance code (10), voltage, and manufacturer logo.
    ✨ Follow-up Questions
    • ⤷ What is the exact dielectric material used in the 5HTP series?
    • ⤷ Can this component be used in AC power line filtering?
    • ⤷ What are the physical dimensions of the 5HTP10-R?