データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5MF125-R

  • AI
    The **5MF125-R** is a specific type of electronic component, primarily classified as a **Miniature Cartridge Fuse**. It is part of the 5MF series manufactured by **Bel Fuse Inc.**, designed to provide overcurrent protection for electronic circuits. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Technical Specifications The part number "5MF125-R" follows a specific naming convention that describes its physical and electrical properties: | Feature | Specification | | :--- | :--- | | **Type** | Fast-Acting Fuse (F-Type) | | **Current Rating** | 125mA (0.125 Amps) | | **Voltage Rating (AC)** | 250V | | **Material** | Glass Tube with Nickel Plated Brass End Caps | | **Dimensions** | 5mm x 20mm (Standard Small Dimension) | | **Interrupting Rating** | 35A @ 250V AC / 10,000A @ 125V AC | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Key Internal Components To understand how the 5MF125-R works, it is essential to look at its construction: * **The Element:** A thin wire or strip made of a low-melting-point alloy. In the 125mA version, this wire is extremely fine. It is designed to melt and break the circuit if the current exceeds 125mA for a specific duration. * **The Glass Body:** Provides a transparent housing, allowing for visual inspection to see if the fuse has "blown." It also acts as an insulator and contains the arc during a fault. * **End Caps:** Made of conductive brass (usually nickel-plated) to ensure a low-resistance connection when inserted into a fuse holder or clips. --- ### 3. Operational Behavior The "5MF" designation identifies this as a **Fast-Acting** fuse. Unlike "Slow-Blow" (Time-Delay) fuses, the 5MF125-R is designed to: 1. **React Quickly:** It disconnects the circuit almost instantly when a surge occurs. 2. **Protect Sensitive Components:** Ideal for ICs (Integrated Circuits) and delicate test equipment that cannot tolerate even brief overloads. --- ### 4. Common Applications Due to its low amperage and fast reaction time, the 5MF125-R is commonly found in: * **Power Supplies:** Protecting the primary or secondary side of small transformers. * **Control Panels:** Shielding PLC inputs or small relays. * **Medical Equipment:** Where precise current regulation is critical for safety. * **Consumer Electronics:** Chargers, adapters, and audio/video equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Fast-Acting fuse like the 5MF and a Slow-Blow fuse?
    • ⤷ How can I test if a 5MF125-R fuse is blown using a multimeter?
    • ⤷ What are the mounting options for a 5x20mm cartridge fuse?