データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5MF2-R

  • AI
    ## Technical Overview of the 5MF2-R The **5MF2-R** is a specific type of electronic component used primarily for circuit protection. It belongs to the **5MF series** of fuses, which are characterized by their physical size and speed of reaction to electrical overloads. --- ### 1. General Specifications The 5MF2-R is a miniature glass tube fuse. Here are its core technical attributes: | Feature | Specification | | :--- | :--- | | **Type** | Glass Tube Fuse | | **Current Rating** | 2 Amperes (2A) | | **Voltage Rating** | 250V AC | | **Response Characteristic** | Fast-Acting / Quick-Acting (F) | | **Standard Size** | 5mm x 20mm | | **Termination Style** | Cartridge (Ferrule) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Key Components and Materials The construction of the 5MF2-R involves several critical materials to ensure safety and reliability: 1. **Glass Body:** The transparent cylinder allows for easy visual inspection to see if the internal element has melted (blown). 2. **Conductive Element:** Usually a thin wire or metallic strip made of copper or silver alloy designed to melt at exactly 2A of sustained current. 3. **End Caps:** Nickel-plated brass caps that provide the electrical contact points for the fuse holder or clips. 4. **Extinguishing Medium:** Unlike some high-voltage fuses filled with sand, these are typically air-filled, relying on the physical gap created when the wire melts to stop the arc. --- ### 3. Usage and Application Because this is a **Fast-Acting** fuse, it is designed to protect sensitive electronic components that cannot withstand even brief surges. * **Common Applications:** * Power supplies for small electronics. * Testing and measurement instruments. * Consumer appliances (DVD players, monitors). * Circuit boards where quick disconnection is required to prevent fire or damage. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in selecting replacements: * **5MF:** The series designation (5x20mm, Fast-acting). * **2:** The amperage rating (2 Amps). * **-R:** Lead-free / RoHS compliant version. --- ### 5. Identification Code Example If you were to look at the metal cap of the fuse, you would typically see a stamp similar to this: `F2AL250V` * **F:** Fast-acting. * **2A:** 2 Amperes. * **L:** Low breaking capacity. * **250V:** Maximum voltage.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a fast-acting fuse like the 5MF2-R and a slow-blow fuse?
    • ⤷ Can I use a 5MF2-R in a 12V DC circuit even if it is rated for 250V AC?
    • ⤷ What are the common mounting options for 5x20mm fuses on a PCB?