データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5MFP500-R

  • AI
    The **5MFP500-R** is a specific type of electronic component used for circuit protection. It is a **fuses**, specifically a miniature, fast-acting, pigtail lead fuse. --- ## 1. Technical Specifications The part number follows a standard coding convention used by manufacturers like **Bel Fuse Inc.** Here are the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Current Rating** | 500mA (0.5A) | | **Voltage Rating (AC)** | 250V AC | | **Response Characteristic** | Fast Acting (F) | | **Fuse Body Type** | Glass Tube | | **Mounting Style** | Through-Hole (Pigtail Leads) | | **Dimensions** | 5mm x 20mm | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ## 2. Key Features The 5MFP500-R is designed with several distinct physical and electrical traits: * **Pigtail Leads:** Unlike standard cartridge fuses that require a fuse holder, this version has axial leads (wires) soldered to the end caps. This allows it to be soldered directly onto a Printed Circuit Board (PCB). * **Fast-Acting:** It is designed to open (blow) very quickly when an overcurrent condition occurs. This is critical for protecting sensitive semiconductor devices. * **Glass Body:** The transparent glass body allows for easy visual inspection to see if the internal element has melted. --- ## 3. Part Number Breakdown Understanding the nomenclature helps in identifying similar components: | Segment | Meaning | | :--- | :--- | | **5MFP** | Series designation (5x20mm, Fast-acting, Pigtail) | | **500** | Current rating (500 milliamperes) | | **-R** | RoHS (Restriction of Hazardous Substances) Compliant | --- ## 4. Common Applications Due to its low current rating and fast response time, this fuse is typically found in: 1. **Consumer Electronics:** Power supplies for small appliances. 2. **Industrial Equipment:** Control circuits and PLC protection. 3. **Test Instruments:** Protecting internal circuitry of multimeters or signal generators. 4. **Lighting:** Ballasts and LED drivers.
    ✨ Follow-up Questions
    • ⤷What is the difference between a fast-acting and a slow-blow fuse?
    • ⤷ Can I replace a pigtail fuse with a standard cartridge fuse in a holder?
    • ⤷ How does the voltage rating affect the safety of the fuse?