データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5MTP750-R

  • AI
    The **5MTP750-R** is a specific type of electronic component, primarily classified as a **Time-Lag (Slo-Blo) Radial Lead Micro Fuse**. It is designed to provide overcurrent protection for sensitive electronic circuits where space is limited and temporary power surges are expected. --- ### 1. Key Technical Specifications Below are the primary technical parameters for the 5MTP750-R: | Feature | Specification | | :--- | :--- | | **Current Rating** | 750 mA (0.75 Amps) | | **Voltage Rating (AC)** | 250V AC | | **Voltage Rating (DC)** | 125V DC (varies by manufacturer) | | **Fuse Type** | Time-Lag / Slow Blow (T) | | **Mounting Type** | Through-Hole (Radial Leads) | | **Body Material** | Thermoplastic (Flame Retardant) | | **Standard** | IEC 60127-3, Sheet 4 | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ### 2. Functional Characteristics * **Time-Lag (Slow Blow):** Unlike "Fast-Acting" fuses, this part is designed to tolerate short-duration high-current spikes (inrush currents) without blowing. This is essential for circuits containing capacitors or motors that draw extra power during startup. * **Physical Form Factor:** It typically comes in a small, cylindrical, or rectangular "micro" package with two leads protruding from the bottom (Radial). This allows it to occupy very little PCB real estate compared to traditional glass tube fuses. * **Breaking Capacity:** It is designed to safely interrupt a short circuit up to a certain amperage (usually 35A or 10x the rated current) without physically shattering. --- ### 3. Common Applications The 5MTP750-R is commonly found in low-power consumer electronics and industrial devices, including: 1. **Power Supplies:** Protecting the input stage of AC/DC adapters. 2. **LED Lighting:** Used in drivers to prevent fire hazards from component failure. 3. **Chargers:** Small battery charging circuits for portable electronics. 4. **Home Appliances:** Control boards for coffee makers, toasters, or smart home hubs. --- ### 4. Part Number Breakdown The part number usually follows a specific manufacturer logic (often associated with brands like **Bel Fuse**): | Segment | Meaning | | :--- | :--- | | **5MT** | Series designation (Micro Time-lag) | | **P** | Packaging/Lead configuration (e.g., Pigtail or Radial) | | **750** | Current rating (750mA) | | **-R** | Lead-free / RoHS Compliant |
    ✨ Follow-up Questions
    • ⤷ What is the difference between this 750mA fuse and a fast-acting fuse in the same circuit?
    • ⤷ Can this fuse be used in DC applications higher than 125V?
    • ⤷ What are the recommended soldering temperatures for radial lead micro fuses?