データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5R9255-R

  • AI
    The part number **5R9255-R** typically refers to a **Heavy-Duty Voltage Regulator**, commonly used in industrial and marine applications, specifically for **Caterpillar (CAT)** engines and generators. Below is a detailed breakdown of its specifications, functions, and technical characteristics. --- ## 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Automatic Voltage Regulator (AVR) | | **Voltage Range** | 24V (System Nominal) | | **Adjustment Range** | Typically 22V to 30V DC | | **Application** | Alternators / Charging Systems | | **Construction** | Encapsulated / Heavy-Duty Marine Grade | | **OEM Reference** | Caterpillar 5R-9255 | --- ## 2. Key Electronic Functions The 5R9255-R serves as the "brain" of the alternator. Its primary roles include: * **Voltage Regulation:** It monitors the output voltage of the alternator and adjusts the field current to maintain a constant output, regardless of the engine RPM or electrical load. * **Rectification Support:** While the diodes in the alternator convert AC to DC, the regulator ensures the DC level does not exceed the battery's charging limits. * **Temperature Compensation:** Many variations of this regulator adjust the charging voltage based on ambient temperature to prevent battery "gassing" or undercharging in extreme cold. * **Protection Circuits:** It often includes over-voltage protection to prevent damage to sensitive onboard electronics (ECUs, sensors). --- ## 3. Physical & Design Characteristics ### Form Factor These units are usually **potted (encapsulated in epoxy)**. This provides: * **Vibration Resistance:** Essential for high-vibration environments like large diesel engines. * **Moisture Protection:** Prevents corrosion in marine or outdoor industrial settings. ### Wiring Interface The "-R" suffix often denotes a specific lead configuration or a "Remanufactured/Replacement" status. Typical terminals include: 1. **B+:** Battery Positive (Output). 2. **D+:** Indicator/Warning Lamp. 3. **Field (F):** Connection to the rotor windings. 4. **Ground:** Chassis or negative return. --- ## 4. Typical Applications This specific part is frequently found in: * **Caterpillar Marine Engines:** (e.g., 3406, 3408, 3412 series). * **Power Generators:** Industrial gensets requiring 24V DC excitation. * **Earthmoving Equipment:** Heavy-duty excavators and dozers. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard 5R9255 and the 'R' suffix version?
    • ⤷ How do I troubleshoot a 5R9255-R if the alternator is not charging?
    • ⤷ What are the specific wiring diagrams for connecting this regulator to a 24V CAT alternator?