データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5SF100-R

  • AI
    ## Technical Overview of 5SF100-R The **5SF100-R** is a specific electronic component belonging to the family of **miniature glass tube fuses**. It is widely used in power supplies, consumer electronics, and industrial equipment to provide overcurrent protection. --- ### 1. Key Specifications The following table summarizes the primary electrical and physical characteristics of the 5SF100-R: | Feature | Specification | | :--- | :--- | | **Type** | Fast-Acting (Quick Acting) Fuse | | **Current Rating** | 100 mA (0.1 Amp) | | **Voltage Rating** | 250V AC | | **Material** | Glass Body / Nickel-plated Brass Caps | | **Size** | 5mm x 20mm (Standard Small Dimension) | | **Breaking Capacity** | 35A @ 250V AC | | **Resistance** | Approx. 4.30 Ohms (Cold) | --- ### 2. Functional Description The "5SF" series is designed according to **IEC 60127-2** standards (Sheet 2). * **Fast-Acting Characteristic:** Unlike "Slow-Blow" fuses, the 5SF100-R is designed to open (blow) very quickly when the current exceeds its 100mA rating. This protects sensitive semiconductor components that cannot withstand even brief surges. * **Operating Principle:** Inside the glass tube is a thin metallic wire. When current exceeds 100mA, the wire heats up due to resistance and melts, breaking the electrical circuit and preventing damage to downstream components. --- ### 3. Application Areas Because of its low current rating (100mA), this fuse is typically found in: 1. **Small Signal Circuitry:** Protecting control boards and logic circuits. 2. **Instrumentation:** Multimeters and testing equipment. 3. **Low-Power Adaptors:** Small AC/DC power bricks. 4. **Lighting Ballasts:** Protecting delicate electronic starters. --- ### 4. Part Number Breakdown Understanding the code helps in identifying replacements: * **5SF:** The series designation (Fast-acting, 5x20mm). * **100:** The current value (100). * **-R:** Indicates **RoHS Compliance** (Lead-free and environmentally friendly). --- ### 5. Safety Considerations > [!WARNING] > Always replace a 5SF100-R with a fuse of the exact same rating. Replacing a 100mA fuse with a higher-rated fuse (e.g., 1A) can lead to fire or permanent damage to the device, as the fuse will not blow when a fault occurs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5SF and 5ST fuse series?
    • ⤷ Can I use a 250V fuse in a 125V circuit?
    • ⤷ How do I test if a 5SF100-R fuse is blown using a multimeter?