データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5SF160-R

  • AI
    ## Overview of the 5SF160-R The **5SF160-R** is a specific electronic component typically identified as a **Super-Fast Recovery Rectifier Diode**. These diodes are engineered to switch from a conducting state to a blocking state very rapidly, making them essential for high-frequency power conversion applications. --- ### 1. Key Technical Specifications Below are the typical parameters for the 5SF series (specifically the 160-R variant): | Parameter | Value (Typical) | Description | |:---|:---|:---| | **Maximum Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 600V | The maximum voltage the diode can withstand in reverse bias. | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 5.0A | The continuous current the diode can handle. | | **Maximum Reverse Recovery Time ($t_{rr}$)** | 35ns - 50ns | The time taken to stop current flow when switching. | | **Forward Voltage Drop ($V_F$)** | ~1.2V - 1.7V | Voltage lost across the diode when conducting. | | **Operating Temperature** | -55°C to +150°C | The thermal range for safe operation. | --- ### 2. Functional Characteristics * **Super-Fast Switching:** The "R" designation often refers to "Recovery" or "Rectifier," highlighting its ability to minimize power loss during high-speed transitions. * **Low Reverse Leakage:** It prevents significant current flow in the reverse direction, enhancing circuit efficiency. * **High Surge Capability:** Designed to handle momentary spikes in current without failing. --- ### 3. Common Applications The 5SF160-R is widely used in circuits where power needs to be converted or managed at high speeds: 1. **Switching Mode Power Supplies (SMPS):** Used for rectification in the secondary stage. 2. **DC-DC Converters:** Acts as a freewheeling diode to protect transistors. 3. **Inverters:** Essential for converting DC to AC in solar or UPS systems. 4. **Freewheeling Diode:** Used in motor control circuits to dissipate inductive kicks. --- ### 4. Physical Package and Marking The 5SF160-R is usually found in a **DO-201AD (DO-27)** axial leaded package or a surface-mount equivalent (like SMC). * **Cathode Mark:** A color band (usually white or silver) denotes the cathode side. * **Mounting:** Through-hole mounting is common for this specific power rating to aid in heat dissipation through the PCB traces. ---
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or substitutes for the 5SF160-R?
    • ⤷ How does the recovery time of this diode compare to a standard 1N4007?
    • ⤷ What thermal management considerations are needed when running this at a full 5A current?