データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5STP250-R

  • AI
    The **5STP250-R** is a high-power semiconductor device, specifically a **Phase Control Thyristor (PCT)** or Silicon Controlled Rectifier (SCR). It is designed for demanding industrial applications requiring the switching and control of very high currents and voltages. --- ### 1. Key Technical Specifications Below are the typical electrical parameters for this class of device: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **$V_{DRM}$ / $V_{RRM}$** | Repetitive Peak Off-state / Reverse Voltage | Up to 1200V - 1600V | | **$I_{T(AV)}$** | Average On-state Current | ~250A - 275A | | **$I_{TSM}$** | Surge (Non-repetitive) On-state Current | ~4000A - 5000A | | **$V_{T}$** | Maximum On-state Voltage Drop | ~1.5V - 1.8V | | **Package Type** | Physical Housing | Stud Mount or Press-fit | --- ### 2. Physical Construction & Parts The 5STP250-R is not a single component but an assembly of several specialized layers and materials: 1. **Silicon Wafer (The Heart):** A multi-layer P-N-P-N junction disk that performs the actual switching. 2. **Molybdenum Disks:** Used as thermal buffers between the silicon wafer and the copper base to handle thermal expansion. 3. **Anode (Stud/Base):** Usually a heavy copper stud that acts as the primary heat sink and positive electrical connection. 4. **Cathode (Lead/Top):** A heavy-duty braided wire or terminal for the main current output. 5. **Gate Lead:** A smaller wire used to apply the trigger signal that turns the device "ON." 6. **Ceramic/Epoxy Housing:** Provides electrical insulation and protects the internal silicon from environmental contaminants. --- ### 3. Functional Operation The device acts as a **controlled switch**. Unlike a diode (which conducts as soon as voltage is positive), the 5STP250-R remains "OFF" even under forward bias until a small pulse of current is sent to the **Gate**. * **Triggering:** Once the gate is triggered, the device latches "ON" and stays on as long as current flows through it. * **Commutation:** To turn it "OFF," the current must drop below a "holding current" threshold (usually by the AC cycle crossing zero). --- ### 4. Common Applications * **Motor Drives:** Controlling the speed of large industrial DC motors. * **Power Supplies:** Used in high-current battery chargers and plating rectifiers. * **Soft Starters:** Reducing the inrush current of AC motors during startup. * **Heating Control:** Managing power levels in industrial furnaces and ovens.
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for a 250A thyristor like the 5STP250-R?
    • ⤷ How does the 'R' suffix in the part number affect its polarity or mounting?
    • ⤷ What is the difference between a Phase Control Thyristor and a Fast Switching Thyristor?