データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5STP400-R

  • AI
    The **5STP400-R** is a high-power industrial semiconductor device, specifically classified as a **Phase Control Thyristor (PCT)** or Silicon Controlled Rectifier (SCR). These are designed for heavy-duty applications requiring precise control of high alternating currents. --- ## 1. Technical Specifications Below are the typical technical parameters for the 5STP400-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Device Type** | Phase Control Thyristor | SCR for AC power control | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | ~1200V - 1600V | Maximum voltage it can block in reverse | | **Average On-State Current ($I_{T(AV)}$)** | ~400A - 440A | Continuous current handling capability | | **Surge Current ($I_{TSM}$)** | ~5000A+ | Maximum non-repetitive peak current | | **Package Style** | Disc / Press-pack | "Hockey Puk" design for cooling | | **Mounting Force** | 4.5 - 5.5 kN | Pressure required for electrical/thermal contact | --- ## 2. Physical Design and Packaging The 5STP400-R utilizes a **Press-pack (Hockey Puk)** housing. Unlike standard transistors, this device does not have pins for soldering. * **Construction:** The silicon wafer is sandwiched between two large copper molybdenum plates. * **Cooling:** It is designed to be clamped between two heatsinks. This allows for **double-sided cooling**, which is essential for managing the heat generated by 400+ Amps of current. * **Terminals:** * **Anode/Cathode:** The large flat surfaces of the puck. * **Gate:** A smaller wire or tab extending from the side used to trigger the device. --- ## 3. Working Principle The 5STP400-R acts as a controlled switch. It remains in an "OFF" state (blocking current) until a small pulse of current is applied to the **Gate**. 1. **Triggering:** Once the gate receives a pulse, the device becomes conductive. 2. **Latching:** It remains "ON" even after the gate signal is removed. 3. **Commutation:** It only turns "OFF" when the current flowing through it drops to near zero (typically at the end of an AC cycle). --- ## 4. Common Applications Due to its high current and voltage ratings, it is used in: * **Motor Drives:** Soft starters and variable speed controls for large industrial motors. * **Power Supplies:** High-voltage DC (HVDC) transmission and large battery chargers. * **Welding Equipment:** Controlling the high-current output of industrial welders. * **Heating Control:** Precise temperature regulation in induction furnaces. --- ## 5. Equivalent/Related Series This part is often manufactured by companies like **ABB** or **Hitachi Energy**. If looking for replacements, ensure the **clamping force** and **$V_{DRM}$** ratings match exactly to prevent catastrophic failure.
    ✨ Follow-up Questions
    • ⤷ What is the recommended clamping force for installing a 5STP400-R thyristor?
    • ⤷ How does double-sided cooling improve the performance of hockey puk thyristors?
    • ⤷ What are the primary causes of failure in high-power phase control thyristors?