データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5TDJ-R

  • AI
    The **5TDJ-R** is a specific electronic component typically identified as a **Transient Voltage Suppressor (TVS) Diode** or a high-power rectifier diode, depending on the manufacturer (often associated with automotive or industrial power electronics). Below is a breakdown of its technical characteristics and functions. --- ### 1. Technical Specifications The "5TDJ" series usually refers to components designed for high-current handling and circuit protection. | Parameter | typical Description | | :--- | :--- | | **Component Type** | TVS Diode / Power Diode | | **Forward Current ($I_F$)** | High-capacity (often 5A to 50A range depending on housing) | | **Reverse Voltage ($V_R$)** | Varies by sub-model (typically 100V - 600V) | | **Package Type** | Often Press-fit or Stud Mount (Automotive Grade) | | **Termination** | "R" suffix usually denotes **Reverse Polarity** | --- ### 2. Key Features * **Reverse Polarity (-R):** In many industrial power diodes, the "R" indicates that the anode and cathode positions are swapped relative to the mounting stud/case. This allows for easier heat sink mounting in bridge rectifier configurations. * **High Thermal Conductivity:** Designed to be pressed into an aluminum heat sink (common in alternators). * **Transient Protection:** Capable of absorbing high-energy spikes to protect sensitive downstream electronics. * **Durability:** Built to withstand high-vibration environments and extreme temperature cycles. --- ### 3. Common Applications These parts are most frequently found in heavy-duty electrical systems: 1. **Automotive Alternators:** Used in the rectifier bridge to convert AC generated by the alternator into DC for the battery. 2. **Battery Chargers:** High-current rectification for industrial charging units. 3. **Power Supplies:** Acts as a flyback diode or polarity protection in high-wattage DC circuits. 4. **Welding Equipment:** Used in the secondary rectification stage of arc welders. --- ### 4. Identification and Polarity When working with the **5TDJ-R**, it is crucial to verify the polarity using a multimeter's diode test function: ```python # Polarity Check Logic if multimeters_red_lead == "Case" and multimeters_black_lead == "Lead": print("Standard Polarity (5TDJ)") elif multimeters_red_lead == "Lead" and multimeters_black_lead == "Case": print("Reverse Polarity (5TDJ-R)") ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the 'R' suffix specifically affect the mounting on a heat sink?
    • ⤷ What is the peak pulse power rating for the 5TDJ series?
    • ⤷ Can a 5TDJ-R be used as a substitute for a standard 5TDJ in a bridge rectifier?