データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5TS-10-R

  • AI
    Based on the part number **5TS-10-R**, this component is a high-performance **common mode choke** (inductor) typically manufactured by companies like **Coilcraft** or similar magnetic component specialists. These parts are primarily used for EMI (Electromagnetic Interference) suppression in power and signal lines. --- ### Technical Specifications The "5TS" series is known for its surface-mount design and high current handling capabilities. Below are the typical characteristics for the **5TS-10-R**: | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 10.0 µH (nominal) | | **Rated Current (Irms)** | ~5.0 - 10.0 Amps (depending on temp rise) | | **DC Resistance (DCR)** | Very Low (typically < 10 mΩ) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temperature** | -40°C to +125°C | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### Key Internal Components The construction of a 5TS-10-R involves several critical electronic materials: 1. **Ferrite Core:** A high-permeability toroid or square core that provides the magnetic path to suppress high-frequency noise while allowing DC or low-frequency signals to pass. 2. **Copper Windings:** Heavy-gauge copper wire is used to ensure high current capacity and minimal power loss (low DCR). 3. **Termination Base:** A high-temperature liquid crystal polymer (LCP) or ceramic base with tin-plated terminals for reflow soldering. 4. **Epoxy/Encapsulation:** Often used to secure the windings to the core to prevent audible noise (buzzing) and provide mechanical stability. --- ### Functional Applications The 5TS-10-R is designed for "Common Mode" filtering, meaning it cancels out noise that appears on both lines of a differential pair. * **Switch Mode Power Supplies (SMPS):** Used at the input/output stages to filter switching noise. * **Solar Inverters:** Managing high-frequency ripples in power conversion. * **Industrial Controls:** Protecting sensitive logic circuits from heavy motor noise. * **Automotive Electronics:** Filtering DC-DC converters in electric vehicle systems. --- ### Schematic Representation In a circuit diagram, the part is represented as two coupled inductors: ```text Line In (+) ----( L1 )---- Line Out (+) ) ( <-- Magnetic Coupling Line In (-) ----( L2 )---- Line Out (-) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a common mode choke and a differential mode choke?
    • ⤷ How do I calculate the required inductance for an EMI filter?
    • ⤷ What are the soldering profile requirements for the 5TS-10-R?