データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5TT1-R

  • AI
    The **5TT1-R** is a specific part number typically associated with high-reliability **Solid Tantalum Chip Capacitors**, often used in aerospace, medical, and defense applications. These parts are usually manufactured under strict quality standards (such as MIL-PRF-55365). --- ## 1. Technical Specifications The 5TT1-R designation identifies the physical and electrical characteristics of the component. Below is a breakdown of typical specifications for this series: | Property | Description | | :--- | :--- | | **Component Type** | Tantalum Surface Mount (SMD) Capacitor | | **Dielectric** | Tantalum Pentoxide ($Ta_2O_5$) | | **Anode** | Sintered Tantalum Powder | | **Termination** | Usually Gold Plated or Solder Coated (R suffix often denotes ROHS or specific finish) | | **Reliability Level** | High Reliability / COTS-Plus | --- ## 2. Key Features * **Volumetric Efficiency:** Provides high capacitance in a very small physical footprint compared to ceramic or aluminum electrolytic capacitors. * **Stability:** Maintains stable capacitance over a wide temperature range (typically $-55^\circ C$ to $+125^\circ C$). * **Low ESR:** Designed with low Equivalent Series Resistance to handle ripple currents effectively. * **Longevity:** Tantalum capacitors do not have a "dry-out" mechanism, giving them an almost infinite shelf life if stored correctly. --- ## 3. Application Use Cases Because of the high cost and reliability associated with the 5TT1 series, they are rarely found in consumer electronics. Instead, they are used in: ### A. Power Management Used as decoupling and smoothing capacitors in DC-DC converters where space is limited but high performance is required. ### B. Military & Aerospace Used in flight control systems and satellite communication arrays due to their resistance to vibration and thermal shock. ### C. Medical Devices Implemented in implantable devices or diagnostic equipment where failure is not an option. --- ## 4. Handling and Polarity > [!CAUTION] > **Polarity Sensitive:** Unlike ceramic capacitors, the 5TT1-R is a polarized component. The positive terminal is usually marked with a "bar" or a "plus" sign. Reversing the voltage can cause immediate catastrophic failure (explosion or fire). ---
    ✨ Follow-up Questions
    • ⤷What is the typical capacitance range for the 5TT1-R series?
    • ⤷ How does the 'R' suffix specifically affect the termination finish?
    • ⤷ What are the common failure modes of tantalum capacitors?