データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5TTP250-R

  • AI
    ## Technical Overview of the 5TTP 250-R The **5TTP 250-R** is a specific type of electronic protection component, primarily categorized as a **Time-Delay (Slow-Blow) Fuse**. It belongs to the 5TTP series manufactured by **Bel Fuse Inc.**, designed for circuit protection against overcurrent conditions. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Part Number** | 5TTP 250-R | | **Current Rating** | 250 mA (0.25 Amperes) | | **Voltage Rating** | 250V AC | | **Fuse Type** | Glass Tube (Axial Leaded) | | **Response Characteristic** | Time-Delay / Slow-Blow (T) | | **Dimensions** | 5mm x 20mm | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Physical Construction The "5TTP" designation refers to the physical build of the component: * **Glass Body:** The 250-R uses a transparent glass cylinder. This allows for visual inspection to see if the internal filament has melted (blown). * **Axial Leads:** The "P" in the suffix often denotes "Pigtail" leads. These are wire leads soldered to the end caps, allowing the fuse to be soldered directly onto a Printed Circuit Board (PCB) rather than being placed in a fuse holder. * **Internal Element:** Unlike fast-acting fuses, the internal wire is often coiled or thickened to provide the "slow-blow" thermal inertia. --- ### 3. Functional Characteristics #### Time-Delay (Slow-Blow) The core feature of this part is its ability to withstand temporary surges. * **Purpose:** It is designed to ignore short-duration "inrush currents" that occur when devices (like motors or large capacitors) first turn on. * **Mechanism:** If the current exceeds 250mA slightly, it will take several seconds to blow. However, if a massive short circuit occurs, it will still open relatively quickly to prevent a fire. #### Breaking Capacity (Interrupt Rating) This specifies the maximum current the fuse can safely interrupt at its rated voltage without physically exploding or arcing. For the 5TTP 250V series, this is typically **35A at 250V AC**. --- ### 4. Typical Applications Because of its low current rating (250mA) and slow-blow nature, this part is commonly found in: 1. **Power Supplies:** Protecting the primary side of small transformers. 2. **Consumer Electronics:** Chargers, LED drivers, and audio equipment. 3. **Industrial Controllers:** Protecting sensitive control circuits that experience brief spikes. --- ### 5. Part Number Breakdown * **5TTP:** Series name (5x20mm, Time-lag, Pigtail leads). * **250:** The current rating (250 milliamperes). * **-R:** RoHS (Restriction of Hazardous Substances) compliant, meaning it is lead-free.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5TTP 250-R and a standard 5x20mm glass fuse without leads?
    • ⤷ Can I replace a 250mA slow-blow fuse with a fast-acting fuse of the same rating?
    • ⤷ What are the soldering precautions for axial leaded fuses on a PCB?