データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5VT1-R

  • AI
    The **5VT1-R** is a specific type of subminiature, time-delay (slow-blow) fuse commonly used in electronic circuits to protect against overcurrent conditions. It is part of the 5VT series manufactured by Bel Fuse and other electronics component companies. ### 1. Technical Specifications The "5VT" designation refers to the series and physical form factor, while the "1-R" typically denotes the amperage rating and RoHS compliance. | Feature | Specification | | :--- | :--- | | **Fuse Type** | Time-Delay / Slow-Blow (T) | | **Current Rating** | 1 Ampere | | **Voltage Rating** | 250V AC | | **Form Factor** | 5x20mm (Standard Glass Tube) | | **Interrupting Rating** | 35A @ 250V AC | | **Compliance** | RoHS 6 Compliant (-R suffix) | --- ### 2. Key Components and Design The 5VT1-R is engineered to handle temporary surges that occur during device startup without blowing, but it will disconnect the circuit if a sustained fault occurs. * **Glass Tube Body:** Transparent casing allows for visual inspection of the internal fuse element. * **Time-Delay Element:** Unlike "Fast-Acting" fuses, this contains a specialized wire or a coiled spring mechanism that absorbs heat for a short duration before melting. * **Nickel-Plated Brass Caps:** Ensure high conductivity and corrosion resistance at the contact points. * **RoHS Compliance:** The "-R" indicates the part is lead-free and meets environmental safety standards. --- ### 3. Common Applications Because of its slow-blow characteristics, it is ideal for inductive loads or circuits with high inrush currents. 1. **Power Supplies:** Protecting the input stage of AC/DC adapters. 2. **Electric Motors:** Handling the high current draw required to start a motor. 3. **Consumer Electronics:** Televisions, audio amplifiers, and household appliances. 4. **LED Lighting:** Drivers that experience a momentary surge when powered on. --- ### 4. Circuit Symbol and Implementation In a schematic, the 5VT1-R is represented by the standard fuse symbol. It is usually placed in series with the "Hot" or "Live" wire immediately after the power entry point. ```text [Line In] ----[ FUSE (1A) ]---- [ Circuitry ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Fast-Acting and a Time-Delay fuse in a circuit?
    • ⤷ How do I determine if a 5VT1-R fuse has blown without a multimeter?
    • ⤷ Can I replace a 5VT1-R fuse with one that has a higher amperage rating?