データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5VTP2-R

  • AI
    ## Overview of 5VTP2-R The **5VTP2-R** is a specific electronic component, primarily categorized as a **Time-Lag (Slo-Blo) Radial Lead Micro Fuse**. It is manufactured by **Bel Fuse Inc.** and is designed for space-constrained applications where robust circuit protection is required. --- ### Technical Specifications The following table summarizes the key electrical and physical characteristics of the 5VTP2-R: | Attribute | Specification | | :--- | :--- | | **Current Rating** | 2 Amperes (A) | | **Voltage Rating (AC)** | 250 Volts (VAC) | | **Fuse Type** | Time-Lag / Slow Blow (T) | | **Package / Case** | Radial Lead (Micro Fuse) | | **Material** | Thermoplastic Body / Copper Alloy Leads | | **Interrupting Rating** | 35A @ 250V AC | | **Operating Temperature** | -55°C to +125°C | | **RoHS Compliant** | Yes (Suffix "-R" denotes RoHS) | --- ### Key Features and Functionality 1. **Time-Lag Characteristic:** Unlike "Fast-Acting" fuses, the 5VTP series is designed to withstand temporary current surges (inrush current) that occur when a device first starts up. It will only "blow" if the overcurrent persists for a specific duration. 2. **Compact Form Factor:** The radial lead design allows the fuse to be mounted vertically on a PCB (Printed Circuit Board). This saves significant horizontal space compared to traditional glass tube fuses. 3. **Safety Approvals:** This component typically carries international safety certifications, including **UL, VDE, SEMKO, and PSE**, making it suitable for global consumer electronic products. --- ### Common Applications The 5VTP2-R is commonly found in power supply circuits for small to medium-sized electronics: * **Power Adapters:** AC/DC chargers for laptops or phones. * **Consumer Electronics:** Televisions, DVD players, and audio equipment. * **LED Lighting:** Internal protection for LED drivers. * **Industrial Controls:** Small-scale automation modules. --- ### Comparison: Fast-Acting vs. Time-Lag (5VTP) | Feature | Fast-Acting (F) | Time-Lag (T/5VTP) | | :--- | :--- | :--- | | **Response to Surges** | Trips immediately | Tolerates brief spikes | | **Best Use Case** | Sensitive ICs | Motors, Transformers, Capacitive loads | | **Nuisance Tripping** | High risk during startup | Low risk |
    ✨ Follow-up Questions
    • ⤷ What is the significance of the '-R' suffix in the 5VTP2-R part number?
    • ⤷ How does the 'Interrupting Rating' differ from the 'Current Rating' for this fuse?
    • ⤷ What are the physical dimensions of a standard 5VTP radial micro fuse?