データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5W13-R

  • AI
    The part number **5W13-R** typically refers to a high-power, wirewound resistor. Below is a detailed breakdown of its specifications, construction, and common applications. ### 1. Specification Breakdown The alphanumeric code provides specific details about the component's electrical properties: | Feature | Description | | :--- | :--- | | **5W** | **Power Rating:** Indicates the resistor can dissipate up to 5 Watts of power safely. | | **13** | **Resistance Value:** Depending on the manufacturer's series, this usually represents 13 Ohms. | | **R** | **Unit/Tolerance:** "R" signifies Ohms ($\Omega$). In some contexts, it can also represent a specific tolerance (often $\pm 5\%$). | --- ### 2. Technical Characteristics These parts are designed for high-stress environments where heat dissipation is critical. * **Type:** Wirewound Resistor. * **Core Material:** Usually a ceramic or fiberglass core wrapped with a resistive alloy wire (like Nichrome). * **Coating:** Typically encapsulated in a ceramic "cement" housing (square/rectangular block) or a flameproof silicone coating. * **Tolerance:** Standard tolerance is usually $\pm 5\%$ (J) or $\pm 10\%$ (K). * **Temperature Coefficient:** Low, meaning the resistance remains stable even as the part heats up. --- ### 3. Physical Construction Most 5W resistors follow a "Cement Resistor" format: 1. **Lead Wires:** Tin-plated copper leads for through-hole soldering on PCBs. 2. **Ceramic Body:** The outer white rectangular box is fireproof and provides excellent insulation. 3. **Internal Filling:** The space between the wire element and the ceramic shell is filled with a non-conductive cement or sand to conduct heat away from the wire. --- ### 4. Common Applications Because of the 5-Watt power handling, these parts are not found in low-power logic circuits but rather in "power" sections of electronics: * **Current Limiting:** Used to prevent inrush current from damaging sensitive components. * **Voltage Dividers:** In power supply circuits to drop voltage levels. * **Audio Equipment:** Used in speaker crossover networks to manage high-power signals. * **Industrial Controls:** Acting as a "dummy load" or a discharge resistor for large capacitors. --- ### 5. Safety Considerations * **Heat:** A 5W resistor can become extremely hot during operation. It should be mounted with space between it and the PCB or other components. * **De-rating:** It is best practice to run these at 50-70% of their rated power (e.g., use it for a 3W load) to ensure longevity.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for a 5W ceramic resistor?
    • ⤷ How do I calculate if 5W is enough power for my specific circuit?
    • ⤷ What are the differences between wirewound and metal film resistors?