データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 606-R

  • AI
    The **606-R** typically refers to a high-performance **Full-Bridge Rectifier** (part of the 600 series, specifically 6A, 600V range) or, in specific industrial contexts, a **Terminal Block/Connector** series. Given the context of "electronic parts," I will focus on the **6A Rectifier Diode** specifications, as this is the most common component bearing this designation. --- ### 1. General Specifications The 606-R is a silicon rectifier diode designed for high current density and power supply rectification. | Parameter | Specification | | :--- | :--- | | **Part Number** | 606-R / 6A6 | | **Type** | Standard Recovery Rectifier | | **Forward Current ($I_{F}$)** | 6.0 Amperes | | **Peak Reverse Voltage ($V_{RRM}$)** | 600 Volts | | **Forward Voltage Drop ($V_{F}$)** | ~1.0V at 6A | | **Operating Temperature** | -65 to +175 °C | | **Package Type** | R-6 (Axial Leaded) | --- ### 2. Key Features * **High Current Capability:** Rated for 6A, making it suitable for medium-power applications where standard 1A (1N4007) or 3A (1N5408) diodes would fail. * **Low Leakage:** High efficiency with minimal reverse current leakage. * **High Surge Capacity:** Designed to handle momentary high-current surges (often up to 400A for short durations) common during power-up. * **Construction:** Diffused Junction with a void-free plastic package. --- ### 3. Common Applications The 606-R is primarily used in circuits that convert Alternating Current (AC) to Direct Current (DC). 1. **Power Supplies:** Used in bridge circuits for desktop adapters or battery chargers. 2. **Freewheeling Diodes:** Protects circuits from voltage spikes generated by inductive loads (motors, solenoids). 3. **Polarity Protection:** Prevents damage to a circuit if the DC power source is connected backwards. 4. **Voltage Clamping:** Limits the voltage levels within a specific range. --- ### 4. Comparison with Related Models The "60" prefix denotes the 6 Ampere rating, while the suffix indicates the Voltage rating. | Model | Max Reverse Voltage | | :--- | :--- | | 601-R | 100V | | 604-R | 400V | | **606-R** | **600V** | | 608-R | 800V | | 610-R | 1000V |
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the R-6 package for this diode?
    • ⤷ Can the 606-R be used in high-frequency switching power supplies?
    • ⤷ What is the peak forward surge current (IFSM) for the 606-R?