データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 60DC-R

  • AI
    The term **60DC-R** most commonly refers to a specific series of **High-Voltage DC Input Power Supplies** or **EMI Filters** (specifically the **Corcom R Series** by TE Connectivity). Below is a breakdown of the electronic components and technical specifications associated with a typical 60DC-R unit (60 Amp, DC rated, R-type suppression). --- ## 1. Technical Specifications This device is primarily designed to suppress Electromagnetic Interference (EMI) in high-current DC systems. | Parameter | Specification | | :--- | :--- | | **Rated Current** | 60 Amperes | | **Voltage Rating** | Up to 80VDC / 250VAC (model dependent) | | **Operating Frequency** | DC to 400 Hz | | **Termination Style** | Stud Terminals (typically 1/4-20) | | **Mounting Type** | Flange / Chassis Mount | --- ## 2. Core Electronic Components The internal architecture of a 60DC-R EMI filter consists of a "PI" or "T" network designed to clean the electrical signal. ### A. Inductors (Chokes) * **Purpose:** To block high-frequency AC noise while allowing DC current to pass. * **Composition:** Heavy-gauge copper windings around a ferrite or iron-powder core. * **Role:** Acts as a high-impedance path for radio frequency interference (RFI). ### B. "X" Capacitors (Line-to-Line) * **Purpose:** To reduce differential mode noise (noise between the positive and negative lines). * **Composition:** Usually metalized film capacitors known for self-healing properties. ### C. "Y" Capacitors (Line-to-Ground) * **Purpose:** To reduce common-mode noise (noise between the lines and the earth/chassis ground). * **Safety:** These are specially rated to ensure they do not pose a shock hazard if they fail. ### D. Bleeder Resistors * **Purpose:** To safely discharge the stored energy in the capacitors once power is disconnected. * **Safety:** Prevents electrical shock to technicians handling the terminals. --- ## 3. Applications The 60DC-R series is utilized in environments where high-current DC power must be "clean" to prevent equipment malfunction. * **Telecommunications:** Powering base stations and switching centers. * **Industrial Automation:** DC motor drives and heavy-duty power supplies. * **EV Charging:** Filtering noise in fast-charging DC stations. * **Solar Inverters:** Managing the DC output from solar arrays before conversion. --- ## 4. Wiring Diagram (Conceptual) The following represents the typical flow of energy through the filter: ```text [DC INPUT +] ----[ Inductor ]----┬---- [DC OUTPUT +] | [ X-Capacitor ] | [DC INPUT -] ----[ Inductor ]----┴---- [DC OUTPUT -] | | [ Y-Capacitor ] [ Y-Capacitor ] | | [ GROUND / CHASSIS CASE ] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between differential mode and common mode noise in these filters?
    • ⤷ Are there specific temperature derating curves for the 60DC-R series?
    • ⤷ How do I choose between the R-series and the T-series filters?