データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 6125FF2-R

  • AI
    The **6125FF2-R** is a specific model of a Surface Mount Device (SMD) fuse manufactured by **Eaton (Bussmann Series)**. It is designed to provide overcurrent protection in compact electronic circuits. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Feature | Specification | | :--- | :--- | | **Series** | 6125FF (Fast-Acting) | | **Current Rating** | 2 Amperes (indicated by the '2') | | **Voltage Rating (AC)** | 125 Vac | | **Voltage Rating (DC)** | 72 Vdc | | **Interrupting Rating** | 50A @ 125Vac / 50A @ 72Vdc | | **Package Size** | 6125 (6.1 x 2.5 mm / ~2410 Imperial) | | **Termination** | Gold-plated brass cap | | **RoHS Compliant** | Yes (indicated by the '-R' suffix) | --- ## 2. Key Characteristics ### Fast-Acting Design (FF) The "FF" stands for **Very Fast-Acting**. This means the fuse is engineered to open very quickly when an overcurrent condition occurs. This is critical for protecting sensitive semiconductor components that cannot withstand even brief surges. ### Physical Build * **Brick Style:** It uses a ceramic tube construction, often referred to as a "Brick" fuse. * **Surface Mount:** Designed for automated pick-and-place assembly on PCBs. * **Solderability:** It is compatible with lead-free reflow and wave soldering processes. --- ## 3. Common Applications Due to its small footprint and reliable clearing speed, the 6125FF2-R is found in: * **LCD Monitors & Backlight Inverters:** Protecting high-voltage rails. * **Power Supplies:** Secondary side protection for AC/DC adapters. * **Telecommunications:** Protection for line cards and networking equipment. * **Medical Equipment:** Small-scale portable diagnostic devices. * **Battery Chargers:** Preventing fire hazards during cell failures. --- ## 4. Usage Considerations When replacing or designing with this part, keep the following in mind: 1. **I²t Value:** Check the melting integral ($A^2s$) to ensure it won't blow during normal inrush currents (like charging capacitors). 2. **Derating:** Operating temperature affects the fuse's lifespan. If the ambient temperature is high, you may need to "derate" the current rating. 3. **Orientation:** While non-polarized, ensure the pads match the 6125 footprint to avoid tombstoning during soldering.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 6125FF and 6125TD series?
    • ⤷ How do I calculate the proper derating for this fuse at 50°C?
    • ⤷ Are there equivalent parts from other manufacturers like Littelfuse or Bourns?