データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 6442-R2

  • AI
    The **6442-R2** generally refers to the **RDC6442G/S-R2** laser controller system, which is a widely used control board for CO2 laser engraving and cutting machines. It is manufactured by Ruida Technology. Below is a breakdown of the electronic components and technical specifications associated with this controller. --- ### 1. Main Controller Specifications The R2 version is an iteration of the 6442 series, known for stability and support for 4-axis control. | Feature | Specification | | :--- | :--- | | **Control Signal** | PWM and TTL levels | | **Axes** | 4-Axis (X, Y, Z, U) | | **Laser Channels** | 2 Independent Channels (Dual-head support) | | **Interface** | USB 2.0, Ethernet (RJ45), and U-Disk | | **Memory** | 128MB Non-volatile storage | | **Voltage Input** | +24V DC (Constant) | --- ### 2. Key Electronic Interfaces The board acts as the "brain," connecting several peripheral electronic parts: * **Stepper/Servo Drivers:** It outputs pulse and direction signals (PUL/DIR) to drive the motors. * **Laser Power Supply (LPS):** It sends a PWM signal to control laser intensity and a TTL signal (L-ON/H-ON) to fire the laser. * **Limit Switches:** Inputs for mechanical, inductive, or magnetic sensors to define the machine's workspace boundaries. * **Water Protector:** A safety input that monitors the water chiller; if flow stops, the controller halts the laser. * **HMI Panel:** The physical keypad and TFT color screen used by the operator. --- ### 3. Connection Pinout Example The back of the 6442-R2 contains green terminal blocks. Here is a typical pin configuration for the laser control section: ```markdown CN1 (Laser 1 Control): 1. GND (Ground) 2. Th (Trigger High - Pulse) 3. TL (Trigger Low - Standard) 4. WP (Water Protection) 5. G (Ground) 6. LPWM (Laser PWM power control) ``` --- ### 4. Distinctive Features of the R2 Revision The "R2" revision specifically addresses hardware optimizations over the original RDC6442G: 1. **Improved Signal Isolation:** Better protection against electromagnetic interference (EMI) from the high-voltage flyback transformer. 2. **Logic Logic Upgrade:** Faster processing for complex vector paths and high-speed raster engraving (up to 500-600mm/s). 3. **Firmware Stability:** Specialized hardware to prevent "buffer underflow" during large file transfers via Ethernet. ---
    ✨ Follow-up Questions
    • ⤷ How do I wire a stepper motor driver to the 6442-R2 controller?
    • ⤷ What is the difference between the RDC6442G and the RDC6445G models?
    • ⤷ How do I configure the PWM settings for a CO2 laser in the Ruida software?