データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 66-R

  • AI
    The term **66-R** in the context of electronic parts typically refers to a specific series of high-power resistors, most notably the **Ohmite 66 Series**. These are specialized components designed for high-energy dissipation and industrial power applications. --- ### 1. Overview of the 66-R Series The "66" designates the physical size and series, while the "R" often serves as a decimal point in resistance values (e.g., `R10` = 0.10Ω) or simply indicates the component is a **Resistor**. | Feature | Description | | :--- | :--- | | **Component Type** | Power Resistor (often Wirewound) | | **Mounting Style** | Radial Lead or Through-hole | | **Power Rating** | Generally ranges from 5W to 10W+ depending on heat sinking | | **Tolerance** | Standard ±1% or ±5% | | **Coating** | Silicone or Vitreous Enamel for heat resistance | --- ### 2. Key Electronic Characteristics These parts are engineered for reliability under thermal stress. Below are the primary technical specifications: #### A. Thermal Performance * **Heat Dissipation:** Designed to handle significant wattage without melting the casing. * **Operating Temperature:** Typically rated to function between **-55°C and +275°C**. #### B. Construction * **Core:** Usually a ceramic or Alumina core for high insulation resistance. * **Winding:** Precision alloy wire (like Nichrome) is wound around the core to achieve the specific resistance. #### C. Resistance Naming Convention In electronic parts, the letter **R** is often used as a multiplier or decimal: * **2R2:** 2.2 Ohms * **66-R47:** 0.47 Ohms * **10R:** 10 Ohms --- ### 3. Common Applications Due to their robust nature, 66-R style resistors are found in heavy-duty circuitry: 1. **Motor Controllers:** Used for current sensing and braking. 2. **Power Supplies:** Acts as a "bleeder resistor" to discharge capacitors safely. 3. **Inrush Current Limiting:** Protects sensitive electronics from power surges during startup. 4. **Medical Equipment:** Used in power-dense diagnostic tools. --- ### 4. Identification Table If you are looking at a specific 66-R part, identify it by these markings: | Marking | Meaning | | :--- | :--- | | **66-10-R** | Series 66, 10-Watt rating | | **Ohmite** | Manufacturer brand | | **100R** | 100 Ohm resistance | | **J / F** | J = 5% Tolerance, F = 1% Tolerance |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a wirewound and a thick film resistor in the 66-R category?
    • ⤷ How do I calculate the heat sink requirements for a 66-R power resistor?
    • ⤷ Are there specific SMD equivalents for the 66-R through-hole series?