データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 67-R

  • AI
    Based on common electronics nomenclature and the specific identification of "67-R," this typically refers to a **67-series trimmer potentiometer** or a specific high-frequency **SMD resistor**. Below is an explanation focusing on the most common electronic component associated with this designation: the **3/8" Square Trimming Potentiometer (Model 67)**. --- ## 1. Component Overview: 67-R Trimmer The "67" refers to the series (often manufactured by companies like BI Technologies/TT Electronics), and the "R" often signifies the resistance code or the pin style (specifically **Top Adjust** or **Side Adjust** depending on the datasheet). ### Key Specifications | Feature | Typical Value | | :--- | :--- | | **Component Type** | Cermet Trimming Potentiometer | | **Adjustment Type** | Multi-turn (usually 20 turns) | | **Power Rating** | 0.5 Watts at 70°C | | **Temperature Range** | -55°C to +125°C | | **Standard Resistance** | 10 Ohms to 2 Megohms | --- ## 2. Technical Characteristics These parts are designed for precision circuit adjustments rather than user-facing volume knobs. ### Physical Construction * **Cermet Element:** Uses a ceramic-metal composite for stable resistance and low temperature coefficient. * **Sealing:** Usually rated to **IP64 or IP66**, meaning they are sealed to withstand wave soldering and immersion cleaning board washes. * **Wiper:** A multi-finger wiper minimizes contact resistance variation (CRV). ### The "R" Designation In the context of the 67 series, "R" is frequently a **terminal style indicator**: * **67W:** Top adjust; pins are in a zig-zag pattern. * **67X:** Side adjust; pins are in a zig-zag pattern. * **67R:** Side adjust; pins are arranged in a straight line (inline). --- ## 3. Applications The 67-R series is widely used in industrial and consumer electronics for: 1. **Voltage Calibration:** Setting reference voltages in power supplies. 2. **Sensor Tuning:** Adjusting gain or offset in operational amplifier circuits. 3. **Timing Circuits:** Fine-tuning RC constants in oscillators. --- ## 4. Alternative Meaning: SMD Resistor Coding If "67-R" is printed on a small surface-mount resistor, it follows the **EIA-96 marking system**: * **67** corresponds to a base value of **487**. * **R** is the multiplier ($10^{-1}$). * **Result:** 48.7 Ohms (1% tolerance).
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet for a specific manufacturer like BI Technologies?
    • ⤷ Do you need the pinout diagram for the 67-R trimmer?
    • ⤷ Is this part being used in a high-precision analog circuit?