データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 6A-P16-R

  • AI
    Based on the part number **6A-P16-R**, this component is most commonly identified as a **high-current diode** or a **rectifier module**, often utilized in automotive or industrial power applications. --- ### 1. Component Overview The **6A-P16-R** is typically a Press-Fit High-Current Diode. These are designed to be pressed into a heat sink (often seen in automotive alternators or high-current battery chargers). ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Rectifier Diode | | **Forward Current ($I_F$)** | 6 Amperes (Standard) / up to 50A (Series specific) | | **Peak Inverse Voltage ($V_{RRM}$)** | Variable (typically 400V - 1000V depending on series) | | **Package Type** | P600 or Press-fit Button | | **Polarity** | Standard (Anode to Case) or Reverse (R suffix) | | **Operating Temperature** | -65°C to +175°C | --- ### 3. Key Identification Features * **"6A"**: Usually denotes the current rating (6 Amps) or a specific series designator for high-capacity diodes. * **"P16"**: Refers to the physical package size or the internal voltage breakdown rating. * **"-R" (Suffix)**: This is critical in power electronics. It almost always indicates **Reverse Polarity**. * In a standard diode, the case is the Cathode. * In an **"R"** version, the case is the Anode, allowing for easier mounting in specific bridge configurations. --- ### 4. Common Applications 1. **Automotive Alternators**: Converting AC generated by the engine into DC for the battery. 2. **Battery Chargers**: High-current rectification for heavy-duty charging units. 3. **Power Supplies**: Used in the input stage of linear or switching power supplies. 4. **Welding Equipment**: Managing high-current DC output. ### 5. Installation Note Since these parts are often **Press-Fit**, they rely on a tight mechanical interference fit with a metal plate (heat sink). Thermal paste or a specific hydraulic press tool is recommended during installation to ensure both electrical conductivity and heat dissipation.
    ✨ Follow-up Questions
    • ⤷What is the difference between standard and reverse polarity in press-fit diodes?
    • ⤷ How do I test a 6A-P16-R diode using a multimeter?
    • ⤷ Can this diode be used in a bridge rectifier circuit?