データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 6HDD44PBY99R30X

  • AI
    Based on the part number provided, **6HDD44PBY99R30X** is a high-density, high-reliability connector typically used in industrial, aerospace, or military grade electronics. It follows the standard nomenclature for D-Subminiature connectors. --- ## Technical Specifications Breakdown The alphanumeric code describes the physical and electrical characteristics of the component: | Segment | Feature | Description | | :--- | :--- | :--- | | **6HDD** | Series | High-Density D-Sub Connector | | **44** | Contact Count | 44 Pins (arranged in 3 rows) | | **P** | Gender | Plug (Male / Pins) | | **B** | Mounting | Board Mount / Solder Cup (depending on manufacturer specifics) | | **Y** | Shell Material | Often indicates Yellow Chromate or Zinc Plated Steel | | **99R30X** | Revision/Finish | Gold plating thickness (30 micro-inches) and specialized hardware/mounting | --- ## Key Electronic Components & Features ### 1. Contact Interface * **High Density (HD):** Unlike standard D-subs, these use smaller pins to fit more connections in the same physical shell size (e.g., a 44-pin HD shell is roughly the size of a standard 25-pin shell). * **Gold Plating:** The `30X` suffix often signifies **30 micro-inches of gold plating**. This is critical for preventing oxidation and ensuring low contact resistance over thousands of mating cycles. ### 2. Physical Housing * **Shielding:** The metal "D" shell provides EMI/RFI shielding, which protects the signals inside from electromagnetic interference. * **Insulator:** High-grade thermoplastic (UL 94V-0 rated) that prevents arcing between pins even at high voltages. ### 3. Electrical Ratings While specific to the manufacturer (such as Conec, NorComp, or TE Connectivity), typical ratings for this part include: * **Current Rating:** ~2 Amps to 3 Amps per contact. * **Voltage Rating:** ~250V to 300V AC/DC. * **Insulation Resistance:** > 5000 MΩ. * **Operating Temperature:** -55°C to +125°C. --- ## Common Applications * **Industrial Automation:** Connecting PLCs to sensors. * **Avionics:** Rugged data transmission in aircraft. * **Telecommunications:** High-density backplane wiring. * **Medical Equipment:** Reliable signal routing for imaging devices.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What is the difference between 30 and 50 micro-inches of gold plating?
    • ⤷ How do I choose the correct mating connector for the 6HDD44PBY99R30X?