データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 6TDK-R

  • AI
    The **TDK-R** series typically refers to TDK’s specialized line of **High-Voltage Ceramic Capacitors** (often specifically the door-knob or ultra-high voltage leaded types) or specific **Ferrite Core** materials used in power conversion. However, in the context of general electronic components, TDK is most famous for its passive components. Below is a breakdown of the core electronic parts associated with TDK's high-reliability "R" series or general product architecture. --- ### 1. Key Component Categories (TDK-R Focus) TDK utilizes the "R" suffix or series designation primarily to denote **Resin-coated**, **Radial-leaded**, or **High Reliability** (Automotive grade) components. | Component Type | Series Example | Primary Function | | :--- | :--- | :--- | | **Multilayer Ceramic Capacitors (MLCC)** | CGA / R-Series | Energy storage, filtering, and decoupling in circuits. | | **Ferrite Cores** | PC44 / R-Type | Used in transformers and inductors to concentrate magnetic flux. | | **NTC Thermistors** | NTCG / B57 | Temperature sensing and inrush current limiting. | | **High Voltage Capacitors** | UHV / FD-R | High-voltage pulse power and power distribution. | --- ### 2. Technical Specifications of TDK Ceramic Parts When dealing with TDK capacitors (like the R-series/Radial types), the following specifications are critical: * **Capacitance Range:** Usually 1pF to 100µF. * **Voltage Rating:** From 6.3V up to several kilovolts (kV) for industrial "R" types. * **Temperature Coefficient:** * **C0G/NP0:** High stability (no change with temp). * **X7R/X8R:** High capacitance density with predictable changes over temperature. * **AEC-Q200 Compliance:** Many TDK-R components are automotive-grade, meaning they withstand higher vibration and thermal shock. --- ### 3. Core Material Technology TDK (Tokyo Denkikagaku Kogyo) started as a magnetic materials company. Their "R" series ferrite materials are engineered for specific frequency ranges: ```cpp // Example of Material Properties for TDK Power Ferrites struct FerriteProperties { string Material = "PC47"; // Common power material float Initial_Permeability = 2500; float Saturation_Flux_Density = 530; // mT (at 25°C) float Curie_Temperature = 250; // Celsius }; ``` --- ### 4. Application Areas * **Automotive:** Engine control units (ECU), ADAS sensors, and EV battery management. * **Power Supplies:** Switched-mode power supplies (SMPS) using TDK ferrite cores and snubbing capacitors. * **Industrial:** High-voltage power grids and heavy machinery sensors. ---
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet for a specific TDK-R part number?
    • ⤷ Would you like a comparison between TDK's R-series and other brands like Murata?
    • ⤷ Do you need help calculating the power loss for TDK ferrite cores?