データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 7-05-R5

  • AI
    The **7-05-R5** typically refers to a specific series or revision of an **AC/DC Power Module** (often manufactured by companies like Recom or similar industrial electronics suppliers) or a specific **fuse/connector component** depending on the application. Based on common industrial specifications for this part number, here is the breakdown of its electronic characteristics: ### 1. General Specifications The "7-05-R5" designation usually breaks down into specific technical ratings: | Feature | Typical Specification | | :--- | :--- | | **Output Voltage** | 5V DC | | **Current Rating** | 0.5A to 1.5A (depending on manufacturer) | | **Mounting Type** | PCB Mount (Through-hole) | | **Isolation Voltage** | 3kVAC to 4kVAC | | **Form Factor** | Compact, often SIP (Single In-line Package) | --- ### 2. Key Electronic Components Inside If this is a power conversion module (like the Recom RAC series or similar), it contains several critical electronic sub-parts: 1. **Input Rectifier:** A diode bridge that converts the incoming AC line voltage to high-voltage DC. 2. **Switching Transistor (MOSFET):** Acts as a high-frequency switch to chop the DC voltage into a square wave for the transformer. 3. **High-Frequency Transformer:** Provides galvanic isolation between the mains AC side and the low-voltage DC side. 4. **Feedback Optoisolator:** A component that sends a signal from the output side back to the input controller to maintain a steady 5V, ensuring safety through light-based communication. 5. **Output Filter (Electrolytic Capacitors):** Smooths the rectified DC to provide a clean, low-ripple 5V output. --- ### 3. Connection Pinout Standard 5V power modules with this nomenclature usually follow a simplified 4 or 5-pin layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **VAC (N)** | Neutral AC Input | | 2 | **VAC (L)** | Line AC Input | | 3 | **-Vout** | Negative DC Output (Ground) | | 4 | **+Vout** | Positive 5V DC Output | --- ### 4. Applications These parts are commonly found in: * **IoT Devices:** Powering microcontrollers (ESP32, Arduino) directly from a wall outlet. * **Industrial Sensors:** Providing a stable 5V rail for logic circuits. * **Smart Home Switches:** Fitting inside small wall boxes due to the compact "R5" (Reduced) footprint. ---
    ✨ Follow-up Questions
    • ⤷ Is the 7-05-R5 you are referring to a Recom power module or a different brand?
    • ⤷ Do you need the specific pin dimensions for a PCB layout?
    • ⤷ What is the input voltage range (e.g.
    • ⤷ 90-264VAC) required for your project?