データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 7101L41CWCQE

  • AI
    The **7101L41CWCQE** is a specific part number for a subminiature toggle switch manufactured by **C&K** (now part of Littelfuse). This component is widely used in instrumentation, medical equipment, and telecommunications due to its reliability and environmental sealing. --- ### 1. Part Number Breakdown The part number follows a modular structure where each character represents a specific feature: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | 7101 | SPDT (Single Pole Double Throw) On-On function | | **Actuator** | L41 | Large lever handle, anti-rotation feature | | **Bushing** | CW | Splashproof/Threaded bushing (Sealed) | | **Termination** | C | PC Thru-hole (Printed Circuit board) | | **Contact Material** | Q | Silver contacts (Power rating) | | **Seal** | E | Epoxy terminal seal (Prevents contamination during soldering) | --- ### 2. Technical Specifications This switch is designed for power applications rather than just logic-level signals, thanks to its silver contact plating. * **Electrical Rating:** 5 Amps @ 120 V AC or 28 V DC; 2 Amps @ 250 V AC. * **Contact Resistance:** Below 10 mΩ typ. initial. * **Insulation Resistance:** $10^9$ Ω min. * **Dielectric Strength:** 1,000 Vrms min. at sea level. * **Operating Temperature:** -30°C to 85°C. * **Mechanical Life:** 40,000 make-and-break cycles. --- ### 3. Key Electronic Features #### A. SPDT Configuration (7101) The "7101" designation indicates a **Single Pole Double Throw** switch with two positions: * **Position 1:** Terminal 2 and 3 connected. * **Position 2:** Terminal 2 and 1 connected. It is an "On-On" switch, meaning it does not have a center "Off" position. #### B. Environmental Sealing (CW + E) The "CW" bushing includes an internal O-ring. When combined with the "E" epoxy seal at the base, the switch is protected against: * Dust and grit. * Water splashes (typically rated to IP67 standards). * Flux contamination during the soldering process. #### C. Power Handling (Q) The "Q" contact material uses **Silver** plating. This is ideal for power switching but is generally not recommended for "dry circuits" (very low current/voltage), as silver requires a small arc to clean off oxidation. For logic-level signals, "G" (Gold) contacts are usually preferred. --- ### 4. Typical Applications * **Industrial Controls:** Used in panels where moisture or dust is present. * **Medical Devices:** Reliable switching for portable diagnostic tools. * **Telecommunications:** Network equipment configuration. * **Test Instrumentation:** Power routing within handheld meters.
    ✨ Follow-up Questions
    • ⤷What is the difference between silver (Q) and gold (B) contact materials?
    • ⤷ Can this switch be used for momentary action?
    • ⤷ How do I mount the L41 actuator type in a panel?