データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 73ZPD-R

  • AI
    The **73ZPD-R** refers to a high-speed, differential receiver/photodetector module, typically used in optical communication systems (like SONET/SDH or Ethernet). While the prefix can sometimes vary by manufacturer (often associated with brands like **Lumentum** or **JDSU**), the specifications generally center around a PIN-TIA configuration. --- ## 1. Technical Specifications Overview The 73ZPD-R is designed to convert optical signals into differential electrical signals. | Feature | Description | | :--- | :--- | | **Component Type** | Differential PIN-TIA (Photodiode + Transimpedance Amplifier) | | **Data Rate** | Typically up to 10 Gbps or 11.3 Gbps | | **Wavelength Range** | 1260 nm to 1620 nm (C-band and L-band compatible) | | **Output Type** | Differential (AC coupled or DC coupled depending on circuit) | | **Sensitivity** | High sensitivity for long-haul or metro applications | --- ## 2. Key Electronic Internal Parts The "73ZPD-R" is a hybrid integrated circuit. Here are the core electronic elements inside the package: ### A. PIN Photodiode * **Function:** The "front end" that captures photons and converts them into a very small proportional current. * **Material:** Usually Indium Gallium Arsenide (InGaAs) for high-speed infrared detection. ### B. Transimpedance Amplifier (TIA) * **Function:** This is the most critical electronic part. It converts the low-level current from the photodiode into a measurable voltage. * **Role:** It provides high gain while maintaining a wide bandwidth to prevent signal distortion at 10Gbps+ speeds. ### C. Differential Output Driver * **Function:** Splits the signal into two complementary paths (Data and Data-bar). * **Benefit:** Differential signaling reduces Electromagnetic Interference (EMI) and provides better noise immunity for the downstream Clock and Data Recovery (CDR) chips. --- ## 3. Physical Interface and Packaging The module usually follows a specific standardized footprint to ensure heat dissipation and signal integrity: 1. **Optical Port:** Usually a pigtailed fiber or a receptacle (like an LC connector). 2. **Pins/Leads:** Gold-plated pins for power ($V_{cc}$), ground, and differential outputs. 3. **RSSI (Received Signal Strength Indicator):** Many versions include a monitor pin that outputs a current proportional to the average optical power received. --- ## 4. Common Application Use-Cases * **XFP/SFP+ Transceivers:** Used as the receiving component inside 10G pluggable modules. * **Optical Line Terminals (OLT):** Found in telecommunications infrastructure. * **Test Equipment:** Used in high-speed oscilloscopes or bit error rate testers (BERT) as an optical-to-electrical converter.
    ✨ Follow-up Questions
    • ⤷ What is the typical supply voltage required for the 73ZPD-R module?
    • ⤷ How does the TIA inside this part handle signal saturation?
    • ⤷ What are the pinout differences between the 73ZPD-R and similar 10G receivers?