AI

### Overview of the 74ACT174M
The **74ACT174M** is a high-speed CMOS device featuring six edge-triggered D-type flip-flops with a common clock (CP) and a common master reset (MR). It is part of the "ACT" family, meaning it is Advanced CMOS with TTL-compatible inputs.
---
### Key Specifications
| Parameter | Typical Value |
| :--- | :--- |
| **Logic Family** | ACT (Advanced CMOS, TTL Compatible) |
| **Function** | Hex D-Type Flip-Flop with Reset |
| **Voltage Supply Range** | 4.5V to 5.5V |
| **Propagation Delay** | ~5ns to 8ns (at 5V) |
| **Output Current** | 24mA (High/Low) |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | SOIC-16 (denoted by the 'M' suffix) |
---
### Pin Configuration and Functions
The 74ACT174M typically comes in a 16-pin Small Outline Integrated Circuit (SOIC) package.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **MR** | Master Reset (Active LOW) |
| 2, 5, 7, 10, 12, 15 | **Q0 - Q5** | Flip-Flop Outputs |
| 3, 4, 6, 11, 13, 14 | **D0 - D5** | Data Inputs |
| 9 | **CP** | Clock Pulse Input (Positive Edge Triggered) |
| 8 | **GND** | Ground (0V) |
| 16 | **VCC** | Positive Supply Voltage (+5V) |
---
### Logic Behavior
The device operates based on the following logic transitions:
1. **Master Reset (MR):** When MR is pulled LOW, all outputs (Q) are immediately forced LOW, regardless of the clock or data inputs.
2. **Clock Pulse (CP):** On the **Low-to-High transition** (rising edge) of the clock, the data present at the D inputs is transferred to the corresponding Q outputs.
3. **Data Retention:** As long as the clock is steady (High or Low) or on a falling edge, the outputs remain in their previous state.
---
### Applications
* **Data Registers:** Temporary storage of 6-bit binary data.
* **Buffer Storage:** Holding data between different stages of a digital system.
* **Shift Registers:** Can be wired in series for serial-to-parallel conversion.
* **Edge Detection:** Synchronizing asynchronous signals to a system clock.
---
### Example Implementation (Verilog)
If you were to simulate this part in hardware description language:
```verilog
module act174_behavior (
input wire [5:0] D,
input wire CP,
input wire MR_n,
output reg [5:0] Q
);
always @(posedge CP or negedge MR_n) begin
if (!MR_n)
Q <= 6'b000000; // Asynchronous Reset
else
Q <= D; // Load data on rising edge
end
endmodule
```
- ⤷What is the power consumption difference between the 74ACT174 and the standard 74HC174?
- ⤷ Can the 74ACT174 be used in a 3.3V logic circuit?
- ⤷ How does the 'Master Reset' function interact with the clock signal?