データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 74HC393D/AUJ

  • AI
    ## Overview of the 74HC393D/AUJ The **74HC393D/AUJ** is a high-speed Si-gate CMOS device. It consists of two independent 4-bit binary ripple counters, each having its own Clock (`nCP`) and Master Reset (`nMR`) inputs. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Logic Family** | 74HC (High-speed CMOS) | | **Function** | Dual 4-bit Binary Ripple Counter | | **Voltage Range** | 2.0V to 6.0V | | **Package Type** | SOIC-14 (SOT108-1) | | **Max Frequency** | ~99 MHz (at 6.0V) | | **Current Consumption** | 40 $\mu$A (Static) | | **Output Drive** | 5.2 mA (at 5.0V) | --- ### 2. Internal Architecture & Logic Each of the two counters contains four master-slave T-type flip-flops. * **Counting Mechanism:** The counter advances on the **High-to-Low transition** (negative edge) of the clock input. * **Reset Function:** A **High** level on the Master Reset (`MR`) line clears the counter asynchronously, forcing all outputs (`Q0` to `Q3`) to Low. * **Cascading:** Because it is a binary ripple counter, the output of one flip-flop acts as the clock for the next. This allows for simple frequency division. ### 3. Pin Configuration | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1, 13 | 1CP, 2CP | Clock Inputs (Active Falling Edge) | | 2, 12 | 1MR, 2MR | Master Reset Inputs (Active High) | | 3, 4, 5, 6 | 1Q0 to 1Q3 | Parallel Outputs Counter 1 | | 8, 9, 10, 11 | 2Q0 to 2Q3 | Parallel Outputs Counter 2 | | 7 | GND | Ground (0V) | | 14 | VCC | Supply Voltage | --- ### 4. Typical Applications * **Frequency Division:** Dividing a high-frequency clock down to lower frequencies (e.g., creating a 1Hz pulse from a higher oscillator). * **Time Delay Generation:** Used in circuits requiring specific timing intervals. * **Digital Counters:** Serving as the backbone for simple digital displays or event counting. * **Address Generators:** Useful in simple memory sequencing or LED matrix scanning. --- ### 5. Implementation Example Below is a conceptual representation of how to wire a single 4-bit stage in Verilog for simulation purposes: ```verilog // Simple behavioral model of one 4-bit counter section module counter_74HC393 ( input clk_n, // Negative edge trigger input mr, // Master reset (Active High) output reg [3:0] q ); always @(negedge clk_n or posedge mr) begin if (mr) q <= 4'b0000; else q <= q + 1; end endmodule ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ripple counter like the 74HC393 and a synchronous counter?
    • ⤷ How can you cascade both halves of the 74HC393 to create an 8-bit counter?
    • ⤷ What are the specific thermal characteristics of the SOT108-1 package used in this part?