データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 74HCT393D

  • AI
    ### Overview of the 74HCT393D The **74HCT393D** is a high-speed Si-gate CMOS device. It consists of two independent 4-bit binary ripple counters, each having its own clock input ($\overline{CP}$) and master reset (MR). --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Logic Family** | HCT (High-speed CMOS, TTL compatible) | | **Function** | Dual 4-Bit Binary Ripple Counter | | **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V | | **Input Logic Levels** | TTL Compatible ($V_{IH}$ min 2.0V) | | **Output Current** | 4.0 mA | | **Package Type** | SO-14 (Small Outline - 14 pins) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Pin Configuration and Functions The device is housed in a 14-pin package. Below is the functional assignment: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1, 13 | $1\overline{CP}, 2\overline{CP}$ | Clock Inputs (High-to-Low edge-triggered) | | 2, 12 | $1MR, 2MR$ | Master Reset (Active High) | | 3 to 6 | $1Q_0$ to $1Q_3$ | Counter 1 Outputs | | 8 to 11 | $2Q_0$ to $2Q_3$ | Counter 2 Outputs | | 7 | GND | Ground (0V) | | 14 | $V_{CC}$ | Supply Voltage | --- ### 3. Functional Description #### Ripple Counter Mechanism Each 4-bit counter contains four T-type flip-flops. Because it is a **ripple counter**, the clock for the second stage is driven by the output of the first stage. This causes a small propagation delay between the switching of each bit. #### Operating Modes 1. **Counting:** A HIGH-to-LOW transition on the clock input ($\overline{CP}$) increments the counter. 2. **Reset:** A HIGH level on the Master Reset ($MR$) pin overrides the clock and asynchronously clears all flip-flops, forcing outputs $Q_0$ through $Q_3$ to LOW. #### Frequency Division Since it is a binary counter, each output represents a power of two division of the input frequency: * $Q_0 = f / 2$ * $Q_1 = f / 4$ * $Q_2 = f / 8$ * $Q_3 = f / 16$ --- ### 4. Comparison: HC vs. HCT The "T" in **74HCT393D** is critical: * **74HC393:** Standard CMOS levels (requires higher voltage for logic HIGH). * **74HCT393:** TTL compatible. It can interface directly with legacy TTL circuits or modern microcontrollers running at lower logic levels (like 3.3V) when the 74HCT is powered at 5V. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency the 74HCT393D can handle at 5V?
    • ⤷ How do you cascade the two 4-bit counters to create an 8-bit counter?
    • ⤷ What are the common applications for ripple counters in digital logic?