74LS672
AI

## 74LS672: 8-Bit Bidirectional Bus Register
The **74LS672** (and its counterpart, the 74LS671) is a high-speed Schottky TTL integrated circuit designed to facilitate communication between two 8-bit buses. It essentially combines the functions of two 8-bit storage registers with 3-state bidirectional transceivers.
### 1. Key Features and Functions
The device is primarily used to buffer and store data being moved between a microprocessor bus and a peripheral bus.
| Feature | Description |
| :--- | :--- |
| **Bit Width** | 8-bit (Octal) |
| **Logic Family** | Low-power Schottky (LS) |
| **Output Type** | 3-State (allows connection to common bus lines) |
| **Operation** | Bidirectional (A to B or B to A) |
| **Register Type** | D-type edge-triggered flip-flops |
---
### 2. Pin Configuration & Logic
The 74LS672 typically comes in a 20-pin package. Below is a simplified functional description of the critical pins:
| Pin Name(s) | Function | Description |
| :--- | :--- | :--- |
| **A0 - A7** | I/O Port A | Data input/output for Bus A. |
| **B0 - B7** | I/O Port B | Data input/output for Bus B. |
| **SAB** | Select A-to-B | Determines if data from Bus A or the A-register is sent to Bus B. |
| **SBA** | Select B-to-A | Determines if data from Bus B or the B-register is sent to Bus A. |
| **GAB** | Gate A-to-B | Enables the output buffers from A to B. |
| **GBA** | Gate B-to-A | Enables the output buffers from B to A. |
| **Vcc / GND** | Power | Typically +5V and Ground. |
---
### 3. Operational Modes
The 74LS672 is unique because it can store data in one direction while simultaneously passing data in the other, or it can act as a simple buffer.
1. **Storage Mode:** Data on the A-bus can be clocked into the A-register, and data on the B-bus can be clocked into the B-register.
2. **Real-Time Transfer:** Data can pass directly from A to B (or B to A) without being stored in the registers, depending on the logic levels of the Select (S) and Gate (G) pins.
3. **Stored Transfer:** Data previously stored in the internal registers can be placed onto the opposite bus.
### 4. Technical Specifications (Typical)
```json
{
"supply_voltage_max": "7V",
"operating_voltage_min": "4.75V",
"operating_voltage_max": "5.25V",
"propagation_delay": "approx 15-25ns",
"operating_temperature": "0°C to 70°C"
}
```
---
### 5. Common Applications
* **Microprocessor Interfacing:** Acting as a bridge between the CPU and memory or I/O devices.
* **Data Buffering:** Protecting sensitive components from bus noise or high capacitance loads.
* **System Synchronization:** Storing data temporarily when two systems operate at different speeds or clock cycles.
- ⤷
What is the main difference between the 74LS671 and the 74LS672?
- ⤷ How do the 'Select' pins (SAB/SBA) control data flow specifically?
- ⤷ Can this IC be used in a 3.3V logic system without level shifters?