データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 74VHC393D

  • AI
    ## Overview of the 74VHC393D The **74VHC393D** is a high-speed CMOS device consisting of two independent 4-bit binary ripple counters. Each counter features individual Clock (`CP`) and Master Reset (`MR`) inputs. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | VHC (Very High-Speed CMOS) | | **Function** | Dual 4-Bit Binary Ripple Counter | | **Supply Voltage (Vcc)** | 2.0V to 5.5V | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOIC-14 (indicated by the 'D' suffix) | | **Max Frequency (at 5V)** | ~170 MHz | | **Output Current** | 8 mA | --- ### Key Internal Components & Operation The 74VHC393D is composed of several functional blocks that dictate its logic behavior: #### 1. T-Flip-Flops Each 4-bit counter consists of four T-type flip-flops connected in a "ripple" fashion. This means the output of the first flip-flop serves as the clock for the second, and so on. #### 2. Clock Inputs ($\overline{CP}0, \overline{CP}1$) The counters are triggered on the **High-to-Low** (negative-edge) transition of the clock pulse. Because it is a ripple counter, there is a small cumulative delay as the count moves from the Least Significant Bit (LSB) to the Most Significant Bit (MSB). #### 3. Master Reset (MR0, MR1) This is an **Active-High** input. When the MR pin is set to High, all four bits of the respective counter are immediately cleared to zero (0000), regardless of the clock state. --- ### Pin Configuration (SOIC-14) | Pin No. | Symbol | Description | | :--- | :--- | :--- | | 1 | 1$\overline{CP}$ | Clock Input Counter 1 (Active Falling Edge) | | 2 | 1MR | Master Reset Counter 1 (Active High) | | 3-6 | 1Q0 - 1Q3 | Parallel Outputs Counter 1 | | 7 | GND | Ground (0V) | | 8-11 | 2Q3 - 2Q0 | Parallel Outputs Counter 2 | | 12 | 2MR | Master Reset Counter 2 (Active High) | | 13 | 2$\overline{CP}$ | Clock Input Counter 2 (Active Falling Edge) | | 14 | Vcc | Positive Supply Voltage | --- ### Logic Symbol Representation ```text +-------+ 1CP -| |- VCC 1MR -| |- 2CP 1Q0 -| 74 |- 2MR 1Q1 -| VHC |- 2Q0 1Q2 -| 393 |- 2Q1 1Q3 -| |- 2Q2 GND -| |- 2Q3 +-------+ ``` --- ### Typical Applications * **Frequency Division:** By taking the output from different Q pins, you can divide the input clock frequency by 2, 4, 8, or 16. * **Time Delays:** Creating specific timing intervals in digital circuits. * **Digital Counters:** Used in instrumentation or sequence controllers where 8-bit counting is required (by cascading the two 4-bit counters).
    ✨ Follow-up Questions
    • ⤷How do you cascade the two 4-bit counters to create an 8-bit counter?
    • ⤷ What is the power consumption difference between VHC and standard HC logic?
    • ⤷ How does 'propagation delay' affect the outputs of a ripple counter?