データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 75232-P20-R

  • AI
    The part number **75232-P20-R** typically refers to a high-density, high-speed connector, most commonly associated with **Molex’s GbX I-Trac™** backplane connector system. These components are designed for high-performance networking and computing environments. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Backplane Connector (Header) | | **Series** | GbX I-Trac™ (Molex 75232 Series) | | **Pitch** | 1.85mm x 3.70mm | | **Data Rate** | Up to 12.5 Gbps (Differential) | | **Configuration** | Vertical Header, Open Header | | **Number of Columns** | 20 Columns | | **Number of Rows** | 11 Rows | | **Termination Style** | Press-Fit (Compliant Pin) | | **Material** | High-temperature Thermoplastic | --- ### 2. Functional Characteristics The 75232-P20-R is engineered for reliability in high-speed data transmission. Its design focuses on several critical electronic factors: * **Differential Pair Geometry:** The "I-Trac" design uses a unique broadside-coupled architecture. This reduces crosstalk and allows for better signal integrity over long traces compared to traditional backplane connectors. * **Impedance Control:** These connectors are typically tuned to **100 Ohms** differential impedance to match standard PCB traces, minimizing signal reflection. * **Press-Fit Technology:** The "R" in the suffix often denotes the pin length or specific compliance style. Press-fit pins create a solderless, cold-weld connection that is highly resistant to mechanical vibration and thermal expansion. * **High Pin Density:** With 20 columns and 11 rows, the P20 configuration offers a high number of signal paths within a very small footprint. --- ### 3. Common Applications These parts are industrial-grade components found in the following hardware: 1. **Telecommunications:** Base stations, routers, and high-capacity switches. 2. **Data Centers:** Server backplanes and blade servers. 3. **Storage Systems:** High-density Disk Arrays (SAN/NAS). 4. **Medical Equipment:** High-speed imaging and diagnostic processing units. --- ### 4. Part Number Breakdown (Typical) While internal manufacturer codes vary, the breakdown generally follows this logic: * **75232:** Series number (GbX I-Trac Vertical Header). * **P:** Pin/Header configuration. * **20:** Number of columns. * **R:** Specific plating (usually Gold) or lead-free/RoHS compliance status.
    ✨ Follow-up Questions
    • ⤷What is the current rating per contact for the GbX I-Trac series?
    • ⤷ Are there right-angle versions available for this connector?
    • ⤷ What is the recommended PCB hole size for the press-fit pins?