データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 75232G-R20-R

  • AI
    The **75232G-R20-R** is a specific integrated circuit (IC) primarily used in serial communication interfaces. It is most commonly identified as a **Multiple RS-232 Driver and Receiver**. --- ### 1. General Specifications This IC is designed to provide the electrical interface between a data terminal equipment (DTE) and data circuit-terminating equipment (DCE), strictly adhering to the TIA/EIA-232-F standards. | Feature | Specification | | :--- | :--- | | **Function** | RS-232 Line Driver/Receiver | | **Configuration** | 3 Drivers and 5 Receivers | | **Supply Voltage (Vcc)** | 4.5V to 5.5V | | **Supply Voltage (V+ / V-)** | ±7.5V to ±15V (Typical) | | **Package Type** | SSOP-20 (Shrink Small Outline Package) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Components The "75232" series is unique because it combines multiple functions into a single chip to handle a full serial port: * **Drivers (Transmitters):** These convert TTL/CMOS logic levels (0V/5V) from a microcontroller or UART into RS-232 voltage levels (typically ±9V). * **Receivers:** These convert incoming RS-232 signals (which can be high voltage) back down to safe TTL/CMOS levels for the processor. * **Built-in Hysteresis:** Receivers typically include hysteresis to prevent noise from causing false data triggers. --- ### 3. Pinout Structure (20-Pin SSOP) While pinouts can vary slightly by manufacturer (e.g., UTC, Texas Instruments), a standard 75232 follows this logic: | Pin Category | Description | | :--- | :--- | | **Vcc / GND** | Standard logic power and ground. | | **V+ / V-** | High voltage inputs required for RS-232 level shifting. | | **Dy / Da** | Driver inputs and outputs (Data out to the DB9 port). | | **Ry / Ra** | Receiver inputs and outputs (Data in from the DB9 port). | --- ### 4. Typical Applications This specific part is often found in legacy hardware or industrial equipment that requires robust serial communication: 1. **Motherboards:** Used for the COM1 or COM2 ports. 2. **Industrial Controllers:** Connecting PLCs to older diagnostic tools. 3. **Point of Sale (POS):** Connecting receipt printers or barcode scanners. 4. **Embedded Systems:** Acting as the bridge between a modern MCU and an RS-232 peripheral. --- ### 5. Identification of the Suffixes * **G:** Usually denotes "Green" or Halogen-Free materials. * **R20:** Refers to the **SSOP-20** package size/style. * **-R:** Generally indicates that the part is supplied in **Tape & Reel** format for automated assembly.
    ✨ Follow-up Questions
    • ⤷What are the power supply requirements for the V+ and V- pins?
    • ⤷ Can this IC be used with 3.3V logic systems?
    • ⤷ How does this chip compare to the MAX232?