データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 753-R2

  • AI
    The **753-R2** generally refers to a specific model of an **Expansion Module** or **Communication Gateway**, most commonly associated with industrial automation (often used in the context of elevators, fire alarm systems, or building management systems). Below is a breakdown of the electronic architecture and key components of this module. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Microcontroller** | High-performance MCU for real-time logic processing | | **Input Voltage** | Typically 24V DC (Industrial standard) | | **Communication Ports** | RS-485, RS-232, or Proprietary Bus (e.g., LonWorks/CAN) | | **I/O Configuration** | Digital inputs and Relay outputs (R2 signifies 2 Relays) | | **Mounting** | DIN Rail or Integrated PCB standoffs | --- ### 2. Core Electronic Components The 753-R2 consists of several critical layers of circuitry designed for reliability and signal isolation: #### A. Power Supply Stage * **Voltage Regulators:** Converts incoming 24V DC to lower logic levels (5V or 3.3V) for the onboard chips. * **Protection Circuitry:** Includes MOVs (Metal Oxide Varistors) and TVS diodes to protect against voltage spikes and surges. #### B. The Relay Interface (The "R2" Section) * **Electromechanical Relays:** Two physical switches that allow the low-power logic to control high-power loads (e.g., motors, lights, or locks). * **Flyback Diodes:** Placed across relay coils to prevent inductive kickback from damaging the transistors. * **LED Indicators:** Visual diagnostics showing the state (ON/OFF) of each relay. #### C. Isolation and Logic * **Optocouplers:** These provide galvanic isolation between the input signals and the sensitive microcontroller, preventing electrical noise from causing system crashes. * **EEPROM/Flash Memory:** Stores configuration data and address settings so the device remembers its state after a power cycle. --- ### 3. Connection Interface The unit typically uses **Plug-in Screw Terminals** for ease of maintenance. The wiring is usually divided into: 1. **Power Terminals:** (+/-) 24V DC. 2. **Bus Terminals:** Data lines for communication with a master controller. 3. **Output Terminals:** Common (C), Normally Open (NO), and Normally Closed (NC) contacts for the two relays. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific relay contact ratings for the 753-R2?
    • ⤷ How do you configure the communication address on this module?
    • ⤷ Is the 753-R2 compatible with RS-485 or LonWorks protocols?