データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 770-R

  • AI
    The **770-R** typically refers to specific electronic components or power supply modules depending on the manufacturer (most commonly associated with **Enpirion/Intel** power modules or specific **Resistor/Connector** series). Assuming you are referring to the high-performance **Power Management Integrated Circuit (PMIC)** or specialized electronic hardware often labeled under this series, here is a breakdown of its characteristics. --- ## 1. Core Overview The 770-R series usually identifies a **DC-DC Step-Down (Buck) Converter** or a specialized high-current power module. These are designed for space-constrained applications requiring high efficiency and low noise. ### Key Specifications | Feature | Typical Value/Description | | :--- | :--- | | **Input Voltage Range** | 2.4V to 5.5V (Standard LV Logic) | | **Output Current** | 15A - 20A (Scalable) | | **Efficiency** | Up to 96% | | **Packaging** | QFN or BGA (Surface Mount) | | **Frequency** | High-frequency switching (MHz range) | --- ## 2. Main Electronic Components Inside a 770-R module (like the Enpirion EN2770-R), several parts are integrated into a single package to save PCB space: ### A. Integrated Inductor Unlike traditional buck converters that require an external copper coil, the 770-R often uses an **integrated inductor**. This reduces Electromagnetic Interference (EMI) and simplifies the circuit design. ### B. MOSFETs (Power Stage) High-side and low-side N-Channel MOSFETs are built-in. These switch on and off rapidly to convert the voltage. Because they are integrated, the "loop area" is minimized, resulting in better thermal performance. ### C. PWM Controller The "brain" of the part. It monitors the output voltage and adjusts the duty cycle of the MOSFETs to ensure a stable output even if the load changes (e.g., a CPU spiking in power usage). --- ## 3. Pin Configuration and Functions Typical pins found on a 770-R electronic part include: 1. **VIN/VOUT:** Power input and regulated output. 2. **PVIN:** Power ground for high-current paths. 3. **VFB (Feedback):** Connected to a resistor divider to set the specific output voltage. 4. **ENABLE:** A logic pin used to turn the chip on or off. 5. **PGOOD (Power Good):** An indicator signal that tells the rest of the system the voltage is stable. --- ## 4. Typical Applications * **FPGA Power Rails:** Providing clean power to Intel/Altera or Xilinx chips. * **Telecommunications:** Base stations and networking hardware. * **Industrial Computing:** Embedded systems requiring small footprints. --- ### Implementation Example (Simplified Schematic) ```cpp // Logic representation of a Power Good check for 770-R if (digitalRead(PGOOD_PIN) == HIGH) { System_Boot_Sequence(); } else { Trigger_Fault_LED(); } ```
    ✨ Follow-up Questions
    • ⤷ Are you referring to the Enpirion EN2770-R power module specifically?
    • ⤷ Do you need the pinout diagram for a specific 770-R variant?
    • ⤷ Are you looking for equivalent replacement parts for the 770-R?