データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 78L05ML-AB3-R

  • AI
    ## Technical Overview: 78L05ML-AB3-R The **78L05ML-AB3-R** is a specific variant of the industry-standard 78L05 series. It is a **Positive Fixed Voltage Regulator** designed to provide a stable +5V output from a higher, fluctuating DC input. This part is typically manufactured by **UTC (Unisonic Technologies)**, as indicated by the specific suffix coding. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the 78L05ML-AB3-R: | Characteristic | Specification | | :--- | :--- | | **Output Voltage** | +5.0 V | | **Input Voltage (Max)** | 30 V DC (Typical range: 7V to 20V) | | **Output Current** | 100 mA (Max) | | **Package Type** | SOT-89 (Surface Mount) | | **Quiescent Current** | 3.0 mA to 5.0 mA | | **Operating Temperature** | -40°C to +125°C | | **Topology** | Linear Regulator (LDO style) | --- ### 2. Part Number Breakdown Understanding the suffix codes helps identify the physical and electrical constraints of the component: * **78L**: Standard prefix for Low-current (100mA) positive voltage regulators. * **05**: Indicates a fixed **5 Volt** output. * **ML**: Often refers to enhanced thermal characteristics or specific lead-free/low-halogen material requirements. * **AB3**: Refers to the **SOT-89** package type. * **R**: Indicates **Tape & Reel** packaging for automated assembly. --- ### 3. Pin Configuration (SOT-89) The SOT-89 package has three pins and a thermal pad (usually connected to the middle pin). | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **Output** | Stable +5V DC supply | | 2 (Large Tab) | **GND** | Ground/Common Reference | | 3 | **Input** | Unregulated DC voltage (min. 7V) | --- ### 4. Implementation Essentials To ensure stability and reduce noise, specific external capacitors are required: ```cpp // Typical Circuit Schematic Representation [Input Voltage (7V-20V)] ---> [Cin: 0.33uF] ---> (Input Pin) (GND Pin) ---> [Common Ground] [Output Voltage (5V)] <--- [Cout: 0.1uF] <--- (Output Pin) ``` * **Cin (0.33µF):** Necessary if the regulator is located far from the power supply filter. * **Cout (0.1µF):** Essential for transient response and high-frequency stability. --- ### 5. Common Applications * **Microcontroller Supplies:** Powering 5V MCUs (like ATmega or PIC) in low-power circuits. * **Signal Conditioning:** Providing a clean reference voltage for analog sensors. * **Local Regulation:** On-card regulation to eliminate noise distributed by a central power supply. ---
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation limits of the SOT-89 package for this regulator?
    • ⤷ How does the 78L05 differ from the standard 7805 in terms of current?
    • ⤷ What is the minimum dropout voltage required for this part to function correctly?