データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 79L15ACD-R1

  • AI
    The **79L15ACD-R1** is a specific surface-mount version of a negative voltage regulator. It belongs to the "79Lxx" family, which provides a fixed negative output voltage at lower currents compared to the standard 79xx series. --- ### 1. General Overview The 79L15 is designed to provide a stable **-15V DC output** from a higher negative input voltage. It is commonly used as a complementary pair to the 78L15 (+15V) in dual-rail power supplies. ### 2. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | -15V | | **Input Voltage (Max)** | -35V | | **Output Current** | Up to 100mA | | **Package Type** | SOIC-8 (Surface Mount) | | **Operating Temperature** | 0°C to +125°C | | **Polarity** | Negative | --- ### 3. Pin Configuration (SOIC-8) In the SOIC-8 package, the pinout is often non-standard compared to TO-92 versions. It is critical to consult the specific datasheet for the "ACD" suffix, but generally: * **Pin 1:** Output (-15V) * **Pins 2, 3, 6, 7:** Ground (Commonly used for heat dissipation) * **Pin 4:** NC (No Connection) * **Pin 8:** Input (Negative Voltage) --- ### 4. Features and Protections * **Internal Current Limiting:** Prevents the device from burning out if the load draws too much current. * **Thermal Shutdown:** Automatically turns off if the internal temperature exceeds safe limits. * **Safe-Area Protection:** Protects the internal output transistor from damage under high-stress conditions. * **Low Quiescent Current:** Efficient for low-power applications. --- ### 5. Common Applications 1. **Op-Amp Power Supplies:** Operational amplifiers often require $\pm$15V rails for maximum headroom. 2. **Audio Processing:** Used in pre-amps and mixers to handle negative signal swings. 3. **Industrial Controls:** Powering sensors that require negative bias. 4. **Data Converters:** Providing stable reference voltages for high-precision ADCs/DACs. --- ### 6. Basic Circuit Implementation To ensure stability and reduce noise, capacitors must be placed near the pins: ```text Input (-20V) ----[ C1: 2.2uF ]----( Pin 8 ) | [ 79L15 ] | Output (-15V) ----[ C2: 1.0uF ]----( Pin 1 ) ``` *Note: Tantalum capacitors are recommended for the output to maintain stability over temperature ranges.*
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 79L15 and the standard 7915?
    • ⤷ Can this regulator be used with a positive input voltage?
    • ⤷ What are the specific heat dissipation requirements for the SOIC-8 package?