データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 7D-R2

  • AI
    The **7D-R2** usually refers to a specific type of **Metal Oxide Varistor (MOV)**. These are electronic components used primarily for surge protection and voltage regulation. --- ### 1. Technical Specifications of 7D-R2 The alphanumeric code "7D-R2" provides specific information about the physical size and electrical characteristics of the component. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Diameter (7D)** | 7mm | The disk diameter of the varistor. | | **Component Type** | MOV | Metal Oxide Varistor (Non-linear resistor). | | **Material** | Zinc Oxide | The primary semiconductor material used. | | **Mounting** | Through-hole | Two-lead radial design for PCB insertion. | ### 2. How it Works A MOV acts as a "voltage-sensitive resistor." - **Low Voltage:** It has very high resistance and acts like an open circuit. - **High Voltage (Surge):** Once the voltage exceeds its threshold, the resistance drops instantly, allowing the excess current to flow through the varistor instead of sensitive downstream components. ### 3. Key Electronic Characteristics When selecting or replacing a 7D-R2 part, you must consider these three electrical factors: 1. **Varistor Voltage ($V_{1mA}$):** The voltage at which the device begins to conduct. 2. **Maximum Allowable Voltage:** The maximum continuous RMS or DC voltage the part can handle without tripping. 3. **Surge Current Rating ($I_{max}$):** The maximum peak current (usually in Amps) the device can withstand for a short duration. ### 4. Typical Applications The 7D-R2 series is commonly found in: * **Power Supplies:** Protecting AC inputs from lightning or grid spikes. * **Consumer Electronics:** Chargers, TVs, and household appliances. * **Industrial Controls:** Protecting PLCs and relay circuits from inductive kickback. --- ### Code Example: Simulating Surge Protection Logic While a MOV is a hardware component, its logic can be represented in simple conditional pseudocode for system monitoring: ```python def check_voltage_safety(input_voltage, threshold=470): # Simulated 7D-R2 Varistor Logic if input_voltage > threshold: activate_clamping() print("Surge Detected: Clamping voltage to ground.") else: maintain_high_impedance() print("Voltage Stable: Device in passive mode.") ```
    ✨ Follow-up Questions
    • ⤷What is the typical breakdown voltage for a 7D-R2 varistor?
    • ⤷ How do I identify a blown 7D-R2 on a circuit board?
    • ⤷ What is the difference between a 7D and a 10D varistor?