データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 7LP-R

  • AI
    The **7LP-R** typically refers to a specific series of **Low-Profile, High-Current Power Inductors** (often associated with manufacturers like Sumida or similar magnetic component specialists). These components are designed for high-density electronic assemblies where vertical space is limited but power handling requirements are high. --- ### 1. Technical Specifications Overview The 7LP-R series is characterized by its flat-wire winding and shielded construction. Below are the typical technical parameters: | Feature | Description | | :--- | :--- | | **Component Type** | SMD Power Inductor | | **Core Material** | Ferrite (Magnetic Shielded) | | **Winding Style** | Flat wire (for lower DCR) | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temp** | -40°C to +125°C | | **Profile** | Low profile (usually < 8mm height) | --- ### 2. Key Internal Components & Materials To understand the "electronic parts" within a 7LP-R inductor, we must look at its physical construction: 1. **The Ferrite Core:** This is the magnetic heart of the part. In the 7LP-R, it is usually a shielded design to prevent Electromagnetic Interference (EMI) from affecting nearby components on the PCB. 2. **Flat Copper Wire:** Unlike standard round wire, flat wire maximizes the "fill factor" within the core window. This reduces **DC Resistance (DCR)**, which minimizes heat generation during high current flow. 3. **Termination Pads:** These are the metallic feet (usually tin-plated copper) that allow the inductor to be soldered to the PCB. 4. **Adhesive/Resin:** A high-temperature epoxy is often used to secure the core and windings, reducing mechanical vibration (acoustic noise/buzzing). --- ### 3. Application Areas The 7LP-R series is primarily used in DC-DC converter circuits where efficiency and space are critical. * **Computing:** VRM (Voltage Regulator Modules) for CPUs and GPUs. * **Industrial:** High-efficiency point-of-load (POL) converters. * **Telecommunications:** Power supplies for base stations and routers. * **Automotive:** Infotainment systems and LED lighting drivers. --- ### 4. Selection Criteria (How to Read the Part) When sourcing or replacing a 7LP-R part, pay attention to the suffix code following the name: ```text Example: 7LP-R-100M | | | | | | | └── Tolerance (M = ±20%) | | └────── Inductance Value (100 = 10µH) | └─────────── Series Type (Low Profile, Shielded) └────────────────── Physical Size/Footprint Code ```
    ✨ Follow-up Questions
    • ⤷ What are the specific saturation current limits for the 7LP-R series?
    • ⤷ How does the flat-wire design in 7LP-R compare to standard round-wire inductors?
    • ⤷ Which manufacturers currently produce the 7LP-R equivalent components?