データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 7NET7

  • AI
    It appears you are referring to the **747 series** of integrated circuits (specifically the 747 dual operational amplifier) or perhaps a specific industrial electronic component part number. Given the context of "electronic parts," the most common reference is the **LM747** or the **7400 series logic gates**. Below is an overview of the **747 Dual Operational Amplifier**, which is the most prominent electronic part associated with that naming convention. --- ## 1. Overview: The 747 Dual Op-Amp The 747 is a general-purpose dual operational amplifier. It essentially consists of two **741 op-amps** housed in a single package, sharing a common bias network and power supply leads. ### Key Specifications | Feature | Description | | :--- | :--- | | **Number of Channels** | 2 (Dual Op-Amp) | | **Supply Voltage** | ±18V to ±22V (Max) | | **Input Offset Voltage** | 1.0 mV to 6.0 mV | | **Unity Gain Bandwidth** | 1.0 MHz | | **Package Types** | TO-5 metal can, DIP (Dual In-line Package) | --- ## 2. Pin Configuration (14-Pin DIP) Because it contains two separate amplifiers, the pinout is more complex than a standard single op-amp. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Inv. Input (A) | Inverting input for Amplifier 1 | | **2** | Non-Inv. Input (A) | Non-inverting input for Amplifier 1 | | **7** | V- | Negative power supply | | **10** | Non-Inv. Input (B) | Non-inverting input for Amplifier 2 | | **12** | Output (B) | Output for Amplifier 2 | | **13** | V+ | Positive power supply | --- ## 3. Notable Features * **No Latch-up:** The circuit is designed so that it does not hang up when the common-mode range is exceeded. * **Short-Circuit Protection:** Internal mechanisms prevent the chip from burning out if the output is accidentally grounded. * **Frequency Compensation:** It is internally compensated, meaning you don't need external capacitors for stability. --- ## 4. Usage in Circuits The 747 is used in applications requiring two amplifiers where space is a concern. Common uses include: 1. **Analog Integrators:** Converting square waves to triangle waves. 2. **Summing Amplifiers:** Combining multiple audio signals. 3. **Active Filters:** High-pass, low-pass, and band-pass filtering. ```python # Conceptual Gain Calculation for a 747 Inverting Amplifier # Formula: Gain = - (Rf / Rin) resistor_feedback = 10000 # 10k Ohms resistor_input = 1000 # 1k Ohms gain = -(resistor_feedback / resistor_input) print(f"The voltage gain is: {gain}") ``` ---
    ✨ Follow-up Questions
    • ⤷Can you explain the difference between the 747 and the 741 op-amp?
    • ⤷ What are the power consumption characteristics of a 747 IC?
    • ⤷ Are there modern SMD equivalents for the 747 part?