データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 8-E-R

  • AI
    The term **8-E-R** typically refers to a specific naming convention or configuration found in electronic components, most commonly associated with **Ceramic Disc Capacitors** (where "8" might denote size or temperature coefficient and "E" denotes voltage or tolerance) or **SMD Resistor networks**. However, in the context of standard electronic parts, here is a breakdown of what these characters represent across different categories: --- ## 1. Ceramic Disc Capacitors (Most Common) In capacitor marking codes, **8-E-R** is often decoded as follows: | Character | Component Property | Description | | :--- | :--- | :--- | | **8** | Diameter / Size | Represents an 8mm disc diameter. | | **E** | Characteristic (T.C.) | Z5U temperature characteristic (+22% to -56% capacitance change). | | **R** | Tolerance | Indicates a specific tolerance range (often ±0.25pF for small values or a specific series). | ### Technical Specifications * **Dielectric Type:** Usually Class II or III (General purpose). * **Typical Voltage:** 50V to 1kV depending on the manufacturer prefix. * **Applications:** Decoupling, bypass circuits, and smoothing where precision is not critical. --- ## 2. Resistor Designations (8-Element Arrays) In many schematics and PCB silk-screens, **8-E-R** refers to an **8-Element Resistor Network**. * **8:** The number of individual resistors inside the package. * **E:** "Elements" or "Exposed" terminals. * **R:** Resistor. ### Configuration Table | Type | Description | Common Use | | :--- | :--- | :--- | | **Isolated** | 8 separate resistors in one 16-pin package. | Signal line termination. | | **Bussed** | 8 resistors with one common ground/VCC pin. | Pull-up/Pull-down for 8-bit buses. | --- ## 3. Power Rectifiers / Diodes If the code is part of a larger part number (e.g., *8E-R* series), it often refers to **Fast Recovery Rectifiers**. ```text Example: 8ETR / 8EWF 8 -> 8 Ampere Current Rating E -> Ultra-fast recovery characteristic R -> Reverse Polarity or RoHS compliant (depends on manufacturer) ``` --- ### Summary Checklist To identify your specific part accurately, check the physical package: 1. **Small Blue/Tan Disc:** It is a Capacitor. 2. **Black Rectangular Block with many legs:** It is a Resistor Network. 3. **Metal/Plastic 2-3 pin Power Package (TO-220):** It is a Power Diode/Rectifier. ---
    ✨ Follow-up Questions
    • ⤷What is the capacitance value if 8-E-R is written on a ceramic disc?
    • ⤷ How do I identify the common pin on an 8-element resistor network?
    • ⤷ What are the alternatives for a Z5U (E) characteristic capacitor?