データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 8-R1

  • AI
    The term **8-R1** typically refers to a **Resistor Network** (specifically an 8-resistor bused or isolated array) or a specific marking on a SMD (Surface Mount Device) component. In the context of electronic parts, it most commonly describes a single package containing multiple resistors. --- ## 1. Types of 8-R1 Resistor Networks There are two primary configurations for an 8-resistor component package: | Type | Configuration | Common Use | | :--- | :--- | :--- | | **Bused (Common)** | 8 resistors connected to one common pin (9 pins total). | Pull-up or pull-down resistors for 8-bit data buses. | | **Isolated** | 8 individual, separate resistors (16 pins total). | Signal termination or independent current limiting. | ### Technical Specifications * **Package Styles:** SIL (Single In-Line), DIL (Dual In-Line), or SMD (Surface Mount). * **Resistance Value:** If "8-R1" is a shorthand for "8x 1 Ohm" or "8x 100 Ohm," the value depends on the manufacturer's code. * **Tolerance:** Usually ±1%, ±2%, or ±5%. --- ## 2. SMD Marking Interpretation (Code: 8R1) If you see **8R1** printed on top of a small SMD resistor (usually size 0603, 0805, or 1206), it follows the standard EIA marking system: * **The "R" Placement:** The letter "R" acts as a decimal point. * **Value:** `8R1` translates to **8.1 Ohms (Ω)**. * **Other Examples:** * `R81` = 0.81 Ω * `81R` = 81 Ω * `811` = 810 Ω (where the last digit is the multiplier) --- ## 3. Application in Circuitry These parts are designed to save space on Printed Circuit Boards (PCBs) and reduce assembly time. ### Common Use Cases: 1. **Microcontroller Interfacing:** Providing pull-up resistors for an 8-bit port (e.g., Port A of an Arduino or PIC). 2. **LED Current Limiting:** Driving an 8-segment LED display or a bar graph. 3. **Digital Logic:** Terminating high-speed data lines to prevent signal reflection. --- ## 4. Visual Identification * **SIL Package:** A black, comb-like component with pins sticking out of one side. One end usually has a **dot** to indicate Pin 1 (the Common pin). * **SMD Network:** A small rectangular chip that looks like four or eight resistors fused together, often found near CPU or RAM chips on motherboards.
    ✨ Follow-up Questions
    • ⤷ How do I identify Pin 1 on a SIL 8-R1 resistor network?
    • ⤷ What is the difference between a bused and an isolated resistor array?
    • ⤷ How do I calculate the power rating for an 8-R1 resistor network?