データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 8137-AF5-D-R

  • AI
    The **8137-AF5-D-R** is a specific electronic component, typically identified as a **Voltage Detector** or **Microprocessor Reset Circuit** manufactured by **UTC (Unisonic Technologies)**. Below is a detailed breakdown of its specifications, pinout, and functional characteristics. --- ### 1. General Overview This part is designed to monitor power supply voltages in digital systems. When the voltage drops below a specific threshold, the device sends a reset signal to the processor to prevent data corruption or malfunction. | Feature | Specification | | :--- | :--- | | **Component Type** | Voltage Detector / Reset IC | | **Part Number Logic** | 8137 (Series) - AF5 (Package) - D (Output Type) | | **Detection Voltage** | 3.7V (standard for the '37' suffix) | | **Output Type** | Open Drain (typically indicated by 'D') | | **Package Type** | SOT-25 / SOT-23-5 (indicated by 'AF5') | --- ### 2. Technical Specifications According to the UTC datasheet standards for the 81XX series: * **Threshold Voltage ($V_{DET}$):** 3.7V (Typical). * **Operating Voltage ($V_{DD}$):** 1.0V to 15.0V. * **Low Quiescent Current:** Approximately $1\mu A$ to $3\mu A$, making it ideal for battery-powered devices. * **Output Configuration:** **Open Drain N-Channel**. This means an external pull-up resistor is required to interface with logic levels. * **Hysteresis Range:** Typically 5% of the detection voltage (prevents "chattering" or rapid switching near the threshold). --- ### 3. Pin Configuration (SOT-25) The **AF5** package code refers to the SOT-25 (5-pin) layout. | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **OUT** | Reset Output (Active Low) | | 2 | **VDD** | Supply Voltage / Detection Pin | | 3 | **VSS** | Ground | | 4 | **NC** | No Connection | | 5 | **NC** | No Connection | --- ### 4. Typical Application Circuit Because the output is **Open Drain**, the circuit must be implemented as follows: ```text [VCC] ---- [Pull-up Resistor] ----+---- [MCU Reset Pin] | [Pin 1: OUT] | [8137-AF5-D-R] | [Pin 2: VDD] <-----------------+ [Pin 3: VSS] <---------------- GND ``` ### 5. Key Advantages * **High Accuracy:** Threshold detection is usually within ±2%. * **Ultra-Low Power:** Negligible impact on battery life. * **Stability:** High immunity to power supply noise. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Open Drain and Push-Pull versions of this IC?
    • ⤷ Can this IC be used for 5V logic systems?
    • ⤷ What are the recommended values for the pull-up resistor?